Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ04T33VMA16PVS Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # NQ04T33VMA16PVS
Description  16Amp, wide ouput range, Non-Isolated DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04T33VMA16PVS Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button NQ04T33VMA16PVS Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04T33VMA16PVS Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04T33VMA16PVS Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04T33VMA16PVS Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04T33VMA16PVS Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ04T33VMA16PVS Datasheet HTML 10Page - SynQor Worldwide Headquarters NQ04T33VMA16PVS Datasheet HTML 11Page - SynQor Worldwide Headquarters NQ04T33VMA16PVS Datasheet HTML 12Page - SynQor Worldwide Headquarters NQ04T33VMA16PVS Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Product # NQ04T33VMA16
Phone 1-888-567-9596
Doc.# 005-2NV4T3E Rev. B
7/6/04
Page 9
Performance Curves
3.0 - 5.5Vin 16A
Non-Isolated
Non-Isolated
SIP Converter
SIP Converter
Figure 7: Thermal plot of 0.9Vo to 1.8Vo converters at 3.3Vin with 15
amp load current and 55°C air flowing at the rate of 200 LFM. Air is
flowing across the converter from pin 11 to pin 1 (vertical mount).
Figure 8: Thermal plot of 0.9Vo to 1.8Vo converters at 5.0Vin with 15
amp load current and 55°C air flowing at the rate of 200 LFM. Air is
flowing across the converter from pin 11 to pin 1 (vertical mount).
0
2
4
6
8
10
12
14
16
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
50 LFM (0.25 m/s)
Figure 9: Maximum output power derating curves vs. ambient air tem-
perature for 2.5Vout unit at 3.3Vin. Airflow rates of 50 - 400 LFM with
air flowing across the converter from pin 11 to pin 1 (vert mount).
0
2
4
6
8
10
12
14
16
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
50 LFM (0.25 m/s)
Figure 10: Maximum output power derating curves vs. ambient air tem-
perature for 2.5Vout unit at 5.0Vin. Airflow rates of 50 - 400 LFM with
air flowing across the converter from pin 11 to pin 1 (vert mount).
Figure 11: Thermal plot of 2.5Vout converter at 3.3Vin with 15 amp
load current and 55°C air flowing at the rate of 200 LFM. Air is flow-
ing across the converter from pin 11 to pin 1 (vertical mount).
Figure 12: Thermal plot of 2.5Vout converter at 5.0Vin with 15 amp
load current and 55°C air flowing at the rate of 200 LFM. Air is flow-
ing across the converter from pin 11 to pin 1 (vertical mount).
Semiconductor junction temperature is
within 1
°C of surface temperature
Semiconductor junction temperature is
within 1
°C of surface temperature
Semiconductor junction temperature is
within 1
°C of surface temperature
Semiconductor junction temperature is
within 1
°C of surface temperature


Similar Part No. - NQ04T33VMA16PVS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04T33VMA16 SYNQOR-NQ04T33VMA16 Datasheet
1Mb / 20P
   On-board input and output filter capacitor
More results

Similar Description - NQ04T33VMA16PVS

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
   NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com