Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ48150HGA10PRF Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ48150HGA10PRF
Description  150 Watt, No Heatsink, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ48150HGA10PRF Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ48150HGA10PRF Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ48150HGA10PRF Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ48150HGA10PRF Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ48150HGA10PRF Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ48150HGA10PRF Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ48150HGA10PRF Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ48150HGA10PRF Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ48150HGA10PRF Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ48150HGA10PRF Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product # PQ48150HGA10
Phone 1-888-567-9596
Doc.# 005-2HG415C Rev. B
12/03/02
Page 1
Half
Half
Brick
Brick
Technical Specification
48Vin 15Vout 10A
150 Watt, No Heatsink, Isolated DC/DC Converter
Mechanical Features
• Industry standard pin-out configuration
• Industry standard size: 2.3” x 2.4”
• Total height only 0.40”, permits better airflow and
smaller card pitch
• Total weight: 2.1 oz. (59 grams)
Safety Features
• 2000V, 10 M
Ω input-to-output isolation
• UL/cUL 60950 recognized (US & Canada), basic
insulation rating
• TUV certified to EN60950
• Meets 72/23/EEC and 93/68/EEC directives
• Meets UL94V-0 flammability requirements
Operational Features
• Ultra-high efficiency, 92% at full rated load current
• Delivers up to 150 watts of output power with mini-
mal derating - no heatsink required
• Wide input voltage range: 35V – 75V meets or
exceeds all 48V bus standards
• Fixed frequency switching provides predictable EMI
performance
Protection Features
• Input under-voltage lockout and over-voltage
shutdown protects against abnormal input voltages
• Output current limit and short circuit protection
• Output over-voltage protection
• Thermal shutdown
The PQ48150HGA10 PowerQor™ Giga converter
is a next-generation, board-mountable, isolated, fixed
switching frequency DC/DC converter that uses
synchronous rectification to achieve extremely high
conversion efficiency. The power dissipated by the
converter is so low that a heatsink is not required,
which saves cost, weight, height, and application
effort. The Giga series converters offer enhanced
useable output current in a standard “half-brick”
module. The Giga units also feature active current
sharing for N+1 and parallel applications.
PQ48150HGA10 Module
Control Features
• On/Off control referenced to input side (positive
and negative logic options are available)
• Remote sense for the output voltage compensates
for output distribution drops
• Output voltage trim permits custom voltages and
voltage margining
Optional Features (Full-Feature modules)
• Active current share for N+1 and parallel applications
• External Clock Synchronization pin for better EMI
characteristics
• Startup Synchronization pin for more consistent start-
up sequence
• ORing FET drive supply for efficient ORing protection


Similar Part No. - PQ48150HGA10PRF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48150HTA11 SYNQOR-PQ48150HTA11 Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11NKF SYNQOR-PQ48150HTA11NKF Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11NKS SYNQOR-PQ48150HTA11NKS Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11NNF SYNQOR-PQ48150HTA11NNF Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11NNS SYNQOR-PQ48150HTA11NNS Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ48150HGA10PRF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48120HGA12 SYNQOR-PQ48120HGA12 Datasheet
728Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48060QGA17 SYNQOR-PQ48060QGA17 Datasheet
768Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120QGA08 SYNQOR-PQ60120QGA08 Datasheet
1Mb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60050HPA45 SYNQOR-PQ60050HPA45 Datasheet
704Kb / 13P
   225 Watt, No Heatsink, Isolated DC/DC Converter
PQ60060QGA17 SYNQOR-PQ60060QGA17 Datasheet
770Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120HTA14 SYNQOR-PQ60120HTA14 Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11 SYNQOR-PQ48150HTA11 Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150QGA07 SYNQOR-PQ48150QGA07 Datasheet
730Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ65180QGA06 SYNQOR-PQ65180QGA06 Datasheet
683Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com