Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ04T33VMA16PVN Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # NQ04T33VMA16PVN
Description  16Amp, wide ouput range, Non-Isolated DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04T33VMA16PVN Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  NQ04T33VMA16PVN Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ04T33VMA16PVN Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ04T33VMA16PVN Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ04T33VMA16PVN Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ04T33VMA16PVN Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04T33VMA16PVN Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04T33VMA16PVN Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04T33VMA16PVN Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04T33VMA16PVN Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Product # NQ04T33VMA16
Phone 1-888-567-9596
Doc.# 005-2NV4T3E Rev. B
7/6/04
Page 3
Technical Specification
3.0 - 5.5Vin 16A
Non-Isolated
Non-Isolated
SIP Converter
SIP Converter
0.000
(0.00)
0.100
(2.54)
0.200
(5.08)
0.300
(7.62)
0.400
(10.16)
1.300
(33.02)
1.400
(35.56)
1.500
(38.10)
1.600
(40.64)
1.800
(45.72)
1.900
(48.26)
0.550
(13.97)
0.050
(1.27)
0.288
(7.32)
0.315 Max
(8.0 Max)
0.128 Min
(3.25 Min)
0.330
(8.38)
0.050
(1.27)
2.00
(50.8)
12
3
45
6
7
8
A
10 11
MECHANICAL
DIAGRAM
Ref.
Front View
Horizontal Mount
Side View
0.000
(0.00)
0.100
(2.54)
0.200
(5.08)
0.300
(7.62)
0.400
(10.16)
1.300
(33.02)
1.400
(35.56)
1.500
(38.10)
1.600
(40.64)
1.800
(45.72)
1.900
(48.26)
0.550
(13.97)
0.050
(1.27)
0.288
(7.32)
0.315 Max
(8.0 Max)
0.120
(3.05)
0.160
(4.06)
0.050
(1.27)
2.00
(50.8)
12
3
45
6
7
8
A
10 11
Ref.
Front View
Vertical Mount
Reversed Pins
Side View
0.058 +.008
(1.47 +.20)
See note on Thermal
Considerations in
Applications section.
0.197 Max
(5.0 Max)
0.185
(4.7)
0.040 PCB Ref.
(1.02)
0.197 Max
(5.0 Max)
0.185
(4.7)
0.040 PCB Ref.
(1.02)
0.025 + 0.003
(0.64 + 0.076)
SQ. Typ.
0.025 + 0.003
(0.64 + 0.076)
SQ. Typ.


Similar Part No. - NQ04T33VMA16PVN

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04T33VMA16 SYNQOR-NQ04T33VMA16 Datasheet
1Mb / 20P
   On-board input and output filter capacitor
More results

Similar Description - NQ04T33VMA16PVN

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
   NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com