Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ55530HEB08NNA Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # PQ55530HEB08NNA
Description  Half-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ55530HEB08NNA Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  PQ55530HEB08NNA Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ55530HEB08NNA Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ55530HEB08NNA Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ55530HEB08NNA Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ55530HEB08NNA Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ55530HEB08NNA Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ55530HEB08NNA Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ55530HEB08NNA Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ55530HEB08NNA Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Product # PQ55530HEB08
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HEB53P Rev. B
10/4/07
Page 4
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
38-55 V
38-55 V
53 V
53 V
7.6 A
7.6 A
Half-brick
Half-brick
Parameter
Min.
Typ.
Max.
Units
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
80
V
Continuous
Operating
60
V
Continuous
Operating Transient Protection
80
V
100ms transient
Isolation Voltage (input to output)
2250
V
Basic insulation level, Pollution degree 2
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
38
48
55
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
34.0
35.2
36.4
V
Turn-Off Voltage Threshold
32.0
33.0
34.3
V
Lockout Voltage Hysteresis
2.1
V
Maximum Input Current
11.8
A
100% Load, 38 Vin, trim up 5%
No-Load Input Current
140
mA
Disabled Input Current
42
68
mA
Vin = 38V
Inrush Current Transient Rating
0.01
A2s
Input Reflected Ripple Current
20
40
mA
RMS thru 4.7µH inductor; Figures 16 & 18
Input Terminal Ripple Current
130
mA
RMS; Figures 12 & 17
Recommended Input Fuse
20
A
Fast blow external fuse recommended
Input Filter Component Values (L\C)
1.0\5.0
µH\µF
Internal values; see Figure D
Recommended External Input Capacitance
100
µF
Typical ESR 0.04 -1.0W; see Figure
16
OUTPUT CHARACTERISTICS
Output Voltage Set Point (standard option)
52.50
53.00
53.50
V
Output Voltage Set Point (“A” option3)
52.75
53.00
53.25
V
Output Voltage Regulation
Over Line
+0.05 \ 20 +0.1 \ 50
%\mV
Over Load
+0.15 \ 80 +0.2 \ 105 %\mV
Over Temperature (standard option)
+100
+158
mV
Over Temperature (“A” option3)
+50
+79
mV
Total Output Voltage Range
51.95
53.95
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise1
20MHz bandwidth; Figures 15 & 16
Peak-to-Peak
150
mV
Full Load; see Figures 16 & 19
RMS
20
50
mV
Full Load; see Figures 16 & 19
Operating Output Current Range
0
7.6
A
Subject to thermal derating; Figures 5, 7 - 10
Output DC Current-Limit Inception
9.5
10.5
11.5
A
Output Voltage 10% Low; Figure 20
Back-Drive Current Limit while Enabled
0.5
1.38
2.0
A
54V pre-bias voltage on output
Back-Drive Current Limit while Disabled
50
90
120
mA
"
Maximum Output Capacitance
1,000
µF
53Vout at 7.6A Resistive Load
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
60
dB
120 Hz; Figure 20
Output Voltage during Load Current Transient
For a Step Change in Output Current (0.1A/µs)
600
mV
50-75-50% Iout max; 200µF cap; Figure 13
For a Step Change in Output Current (1A/µs)
600
mV
50-75-50% Iout max; 200µF cap; Figure 14
Settling Time
600
µs
To within 0.2% Vout nom
Turn-On Transient
Turn-On Time
15
20
28
ms
Full load, Vout=90% nom.; Figures 11 & 12
Start-Up Delay Time
4
6
8
ms
-40°C to +125°C; Figure E
Output Voltage Overshoot
0
%
1,000 µF load capacitance, Iout = 0A
EFFICIENCY
100% Load
95
%
Figures 1 - 4
50% Load
95
%
Figures 1 - 4
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
See Figures 5, 7 - 10 for derating curves
Maximum Baseplate Temperature
100
°C
Applies to PQ55525HEB08xxx unit only
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2250
V
Isolation Resistance
30
MW
Isolation Capacitance2
220
pF
PQ55530HEx08 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient
temperature with appropriate power derating. Specifications subject to change without notice.
Note 1: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com)
Note 2: Higher values of isolation capacitance can be added external to the module.
Note 3: See the last page for ordering information options.


Similar Part No. - PQ55530HEB08NNA

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05NNS SYNQOR-PQ55540HTL05NNS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05NRS SYNQOR-PQ55540HTL05NRS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05PNS SYNQOR-PQ55540HTL05PNS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05PRS SYNQOR-PQ55540HTL05PRS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ55530HEB08NNA

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com