Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT43BPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # BAT43BPT
Description  SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BAT43BPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  BAT43BPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BAT43BPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT43BPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SCHOTTKY DIODE
VOLTAGE 30 Volts
CURRENT 0.2 Ampere
APPLICATION
FEATURE
* High speed. (TRR=5.0nSec Typ.)
* Suitable for high packing density.
CONSTRUCTION
* Silicon epitaxial planar
* Ultra high speed switching
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2004-06
Maximum Average Reverse Current at VR= 25V
CHARACTERISTICS
SYMBOL
UNITS
330
0.5
uAmps
mVolts
Maximum Instantaneous Forward Voltage
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current at <10mSec.
Typical Junction Capacitance between Terminal (Note 1)
Storage Temperature Range
Maximum Operating Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
TJ
VF
IR
TSTG
IFSM
BAT43BPT
BAT43BPT
UNITS
30
Volts
Volts
Volts
Amps
21
30
0.2
4.0
10
+125
-55 to +125
Amps
pF
Maximum Reverse Recovery Time (Note 2)
TRR
5.0
nSec
oC
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 1.0 volts.
2. Measured at applied froward current of 10mA and reverse current of 10mA.
3. ESD sensitive product handling required.
* Maximum total power disspation is 200mW.
* Peak forward current is 500mA at time<1.0sec.
MARKING
* BT2
IF= 2.0mA
IF= 15mA
IF= 200mA
450
1000
SOD-123
SOD-123
Dimensions in inches and (millimeters)
* Small surface mounting type. (SOD-123)
0.028(0.70)
0.018(0.45)
0.008(0.2)
MAX.
MAX.
0.004(0.12)
0.02(0.5)
0.071(1.80)
0.055(1.40)
0.098(2.50)
0.112(2.85)
0.153(3.90)
0.140(3.55)
1
2
CIRCUIT
(1)
(2)


Similar Part No. - BAT43BPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT43 STMICROELECTRONICS-BAT43 Datasheet
89Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Rectron Semiconductor
BAT43 RECTRON-BAT43 Datasheet
123Kb / 2P
   SILICON PLANAR SCHOTTKY DIODES
logo
Gaomi Xinghe Electronic...
BAT43 GXELECTRONICS-BAT43 Datasheet
443Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Diodes Incorporated
BAT43 DIODES-BAT43 Datasheet
50Kb / 1P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11001 Rev. G-2
logo
EIC discrete Semiconduc...
BAT43 EIC-BAT43 Datasheet
55Kb / 2P
   SCHOTTKY BARRIER DIODES
More results

Similar Description - BAT43BPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BAT54PT CHENMKO-BAT54PT Datasheet
356Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54APT CHENMKO-BAT54APT Datasheet
509Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54M1PT CHENMKO-BAT54M1PT Datasheet
676Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54SPT CHENMKO-BAT54SPT Datasheet
506Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54VPT CHENMKO-BAT54VPT Datasheet
113Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
CH481KPT CHENMKO-CH481KPT Datasheet
64Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
CH351H-30PT CHENMKO-CH351H-30PT Datasheet
78Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
CH521G-30PT CHENMKO-CH521G-30PT Datasheet
912Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54ADWPT CHENMKO-BAT54ADWPT Datasheet
69Kb / 2P
   SCHOTTKY DIODE ARRAY VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54BDWPT CHENMKO-BAT54BDWPT Datasheet
557Kb / 2P
   SCHOTTKY DIODE ARRAY VOLTAGE 30 Volts CURRENT 0.2 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com