Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ55530HEA08NNA Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # PQ55530HEA08NNA
Description  Half-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ55530HEA08NNA Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button PQ55530HEA08NNA Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ55530HEA08NNA Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ55530HEA08NNA Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ55530HEA08NNA Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ55530HEA08NNA Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ55530HEA08NNA Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ55530HEA08NNA Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ55530HEA08NNA Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ55530HEA08NNA Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Product # PQ55530HEB08
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HEB53P Rev. B
10/4/07
Page 7
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
38-55 V
38-55 V
53 V
53 V
7.6 A
7.6 A
Half-brick
Half-brick
Figure 11: Turn-on transient at full load (resistive load) (20 ms/div).
Input voltage pre-applied. Top Trace: Vout (10V/div). Bottom Trace:
ON/OFF input (5V/div)
Figure 12: Turn-on transient at zero load (20 ms/div).
Top Trace: Vout (10V/div)
Bottom Trace: ON/OFF input (5V/div)
0
1
2
3
4
5
6
7
8
0
25
40
55
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 8: Thermal plot of converter at 5.1amp load current (271W)
with 55°C air flowing at the rate of 200 LFM. Air is flowing across the
converter from input to output (nominal input voltage).
0
1
2
3
4
5
6
7
8
0
25
40
55
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 9: Maximum output power derating curves vs. ambient air tem-
perature for an open frame unit. Airflow rates of 100 LFM through 400
LFM with air flowing from pin 1 to pin 4 (nominal input voltage).
Figure 10: Thermal plot of converter at 4.95 amp load current (262W)
with 55°C air flowing at the rate of 200 LFM. Air is flowing across the
converter from pin 1 to pin 4 (nominal input voltage).
Figure 7: Maximum output power derating curves vs. ambient air tem-
perature for an open frame unit. Airflow rates of 100 LFM through 400
LFM with air flowing from input to output (nominal input voltage).


Similar Part No. - PQ55530HEA08NNA

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05NNS SYNQOR-PQ55540HTL05NNS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05NRS SYNQOR-PQ55540HTL05NRS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05PNS SYNQOR-PQ55540HTL05PNS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05PRS SYNQOR-PQ55540HTL05PRS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ55530HEA08NNA

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com