Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ55530HEA08PRA Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ55530HEA08PRA
Description  Half-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ55530HEA08PRA Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ55530HEA08PRA Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ55530HEA08PRA Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ55530HEA08PRA Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ55530HEA08PRA Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ55530HEA08PRA Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ55530HEA08PRA Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ55530HEA08PRA Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ55530HEA08PRA Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ55530HEA08PRA Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Product # PQ55530HEB08
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HEB53P Rev. B
10/4/07
Page 5
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
38-55 V
38-55 V
53 V
53 V
7.6 A
7.6 A
Half-brick
Half-brick
ParameterP
Min.
Typ.
Max.
Units
Notes & Conditions
FEATURE CHARACTERISTICS
Switching Frequency
275
300
325
kHz
Regulation and Isolation stages
ON/OFF Control (Option P)
Off-State Voltage
-2
0.8
V
On-State Voltage
2.7
18
V
ON/OFF Control (Option N)
Off-State Voltage
2.7
18
V
On-State Voltage
-2
0.8
V
ON/OFF Control (Either Option)
Figure A
Pull-Up Voltage
5
5.5
V
Pull-Up Resistance
10
kW
Output Voltage Trim Range
-50
+5
%
Measured across Pins 9 & 5; Figure B
Output Voltage Remote Sense Range
+5
%
Measured across Pins 9 & 5
Output Over-Voltage Protection
57
58.5
60
V
Over full temp range; % of nominal Vout, Latching
Over-Temperature Shutdown
125
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
Load Current Scale Factor
180
See App Note: Output Load Current Calc.
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
1.9
106 Hrs. TR-NWT-000332; 80% load,300LFM, 40oC Ta
Calculated MTBF (MIL-217)
1.4
106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40oC Ta
Field Demonstrated MTBF
106 Hrs. See our website for details
STANDARDS COMPLIANCE
ParameterP
Notes
STANDARDS COMPLIANCE
UL/cUL 60950-1
File # E194341, Basic insulation & pollution degree 2
EN60950-1
Certified by TUV
72/23/EEC
93/68/EEC
Needle Flame Test (IEC 695-2-2)
Test on entire assembly; board & plastic components UL94V-0 compliant
IEC 61000-4-2
ESD test, 8kV - NP, 15kV air - NP (Normal Performance)
GR-1089-CORE
Section 7 - electrical safety, Section 9 - bonding/grounding
Telcordia (Bellcore) GR-513
• An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety
certificates on new releases or download from the SynQor website.
QUALIFICATION TESTING
ParameterP
# Units
Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55Hz sweep, 0.060” total excursion,1 min./sweep, 120 sweeps for 3 axis
Mechanical Shock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40°C to 100°C, unit temp. ramp 15°C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5Tmin-10°C to Tmax+10°C, 5°C steps, Vin = min to max, 0-105% load
Humidity
5
85°C, 85% RH, 1000 hours, 2 minutes on and 6 hours off
Solderability
15 pins
MIL-STD-883, method 2003
• Extensive characterization testing of all SynQor products and manufacturing processes is performed to ensure that we supply
robust, reliable product. Contact the factory for official product family qualification documents.
ELECTRICAL CHARACTERISTICS (Continued)
OPTIONS
SynQor provides various options for Logic Sense, Pin Length and
Feature Set for this family of DC/DC converters. Please consult the
last page of this specification sheet for information on available
options.
PATENTS
SynQor is protected under various patents, including but not lim-
ited to U.S. Patent #s 5,999,417; 6,222,742 B1; 6,594,159
B2; 6,545,890 B2.


Similar Part No. - PQ55530HEA08PRA

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05NNS SYNQOR-PQ55540HTL05NNS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05NRS SYNQOR-PQ55540HTL05NRS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05PNS SYNQOR-PQ55540HTL05PNS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05PRS SYNQOR-PQ55540HTL05PRS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ55530HEA08PRA

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com