Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60010QTA40PNS Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ60010QTA40PNS
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60010QTA40PNS Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ60010QTA40PNS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60010QTA40PNS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60010QTA40PNS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60010QTA40PNS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60010QTA40PNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60010QTA40PNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60010QTA40PNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60010QTA40PNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60010QTA40PNS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Product # PQ60010QTA40
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QT601C Rev. B
10/1/04
Page 3
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
P
Package:
ackage:
35-75 V
35-75 V
1.0 V
1.0 V
40 A
40 A
Quarter-brick
Quarter-brick
Parameter
Min.
Typ.
Max.
Units
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
continuous
Operating
80
V
continuous
Operating Transient Protection
100
V
100ms transient, square wave
Isolation Voltage (input to output)
2000
V
Basic insulation, Pollution Degree 2
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
35
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
32
33
34
V
Turn-Off Voltage Threshold
28.5
29.5
30.5
V
Lockout Voltage Hysteresis
2.5
3.5
4.5
V
Maximum Input Current
1.5
A
100% Load, 35 Vin
No-Load Input Current
22
50
mA
Disabled Input Current
1.6
3
mA
Inrush Current Transient Rating
0.01
A2s
Response to Input Transient
150
mV
1000V/ms input transient; Figure 17
Input Reflected Ripple Current
10
mA
P-P thru 10µH inductor; Figures 13 & 15
Input Terminal Ripple Current
100
mA
RMS; Figures 13 & 14
Recommended Input Fuse
7
A
fast blow external fuse recommended
Input Filter Component Values (C\L)
2.46\8.2
µF\µH
internal values, see Figure E
Recommended External Input Capacitance
47
µF
see Figure 13
OUTPUT CHARACTERISTICS
Output Voltage Set Point
0.990
1.000
1.010
V
Output Voltage Regulation
Over Line
+0.2 \ 2
+0.3 \ 3
%\mV
Over Load
+0.2 \ 2
+0.3 \ 3
%\mV
Over Temperature
+5
+15
mV
Total Output Voltage Range
0.969
1.031
V
over sample, line, load, temperature & life
Output Voltage Ripple and Noise1
500MHz bandwidth; Figures 13 & 16
Peak-to-Peak
45
80
1
mV
Full Load, see Figures 13 & 16
RMS
10
20
1
mV
Full Load, see Figures 13 & 16
Operating Output Current Range
0
40
A
Subject to thermal derating; Figures 5-8
Output DC Current-Limit Inception
43
47.5
52
A
Output Voltage 10% Low
Output DC Current-Limit Shutdown Voltage
0.6
V
Back-Drive Current Limit while Enabled
0.5
1.0
2.0
A
Negative current drawn from output
Back-Drive Current Limit while Disabled
0
10
50
mA
Negative current drawn from output
Maximum Output Capacitance
30,000
µF
1.0Vout at 40A Resistive Load
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
80
dB
120 Hz; Fig. 20
Output Voltage During Load Current Transient
For a Step Change in Output Current (0.1A/µs)
150
mV
50% to 75% to 50% Iout max; Figure 11
For a Step Change in Output Current (1A/µs)
150
mV
50% to 75% to 50% Iout max; Figure 12
Settling Time
400
µs
to within 1% Vout nom
Turn-On Transient
Turn-On Time
4
8
ms
Full load, Vout=90% nom.; Figures 9 & 10
Start-Up Inhibit Time
180
200
240
ms
-40°C to +125°C; Figure F
Output Voltage Overshoot
0
%
10,000 µF load capacitance, Iout = 0A
EFFICIENCY
100% Load
80
%
Figures 1 - 4
50% Load
85
%
Figures 1 - 4
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
See Figures 5 - 8 for derating curves
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2000
V
Isolation Resistance
30
M
Isolation Capacitance2
470
pF
PQ60010QTA40 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient tem-
perature with appropriate power derating. Specifications subject to change without notice.
Note 1: Output voltage ripple can exceed maximum specification during startup when output voltage is less than 0.5V and current is simultaneously greater than 5A. Additional
output capacitance will mitigate this startup ripple behavior. For applications requiring reduced output voltage ripple and noise, consult SynQor applications support
(e-mail: support@synqor.com)
Note 2: Higher values of isolation capacitance can be added external to the module.


Similar Part No. - PQ60010QTA40PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60010QPA60 SYNQOR-PQ60010QPA60 Datasheet
529Kb / 13P
   Quarter-brick DC/DC Converter
PQ60010QPA60NK2 SYNQOR-PQ60010QPA60NK2 Datasheet
529Kb / 13P
   Quarter-brick DC/DC Converter
PQ60010QPA60NKS SYNQOR-PQ60010QPA60NKS Datasheet
529Kb / 13P
   Quarter-brick DC/DC Converter
PQ60010QPA60NN2 SYNQOR-PQ60010QPA60NN2 Datasheet
529Kb / 13P
   Quarter-brick DC/DC Converter
PQ60010QPA60NNS SYNQOR-PQ60010QPA60NNS Datasheet
529Kb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ60010QTA40PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com