Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60010QTA40NNS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ60010QTA40NNS
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60010QTA40NNS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ60010QTA40NNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60010QTA40NNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60010QTA40NNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60010QTA40NNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60010QTA40NNS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60010QTA40NNS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60010QTA40NNS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60010QTA40NNS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60010QTA40NNS Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Product # PQ60010QTA40
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QT601C Rev. B
10/1/04
Page 11
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
P
Package:
ackage:
35-75 V
35-75 V
1.0 V
1.0 V
40 A
40 A
Quarter-brick
Quarter-brick
value.
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur because
any DC/DC converter appears incrementally as a negative
resistance load. A detailed application note titled “Input
System Instability” is available on the SynQor web site
(www.synqor.com) which provides an understanding of why
this instability arises, and shows the preferred solution for cor-
recting it.
Application Circuits: Figure D below provides a typical cir-
cuit diagram which details the input filtering and voltage trim-
ming.
Input Filtering and External Capacitance: Figure E below
provides a diagram showing the internal input filter components.
This filter dramatically reduces input terminal ripple current,
which otherwise could exceed the rating of an external elec-
trolytic input capacitor. The recommended external input capac-
itance is specified in the “Input Characterisitcs” section. More
detailed information is available in the application note titled
“EMI Characteristics” on the SynQor website.
Vin
External
Input
Filter
Trim
Vin(+)
Iload
Cload
L
Vout(+)
Rtrim-up
or
Rtrim-down
Vsense(+)
ON/OFF
Vin(_)
Vin(+)
Vin(_)
Vout(_)
Vsense(_)
Electrolytic
Capacitor
47µF
Figure D: Typical application circuit (negative logic unit, permanently enabled).
Figure E: Internal Input Filter Diagram (component values listed on page 3).
C


Similar Part No. - PQ60010QTA40NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60010QPA60 SYNQOR-PQ60010QPA60 Datasheet
529Kb / 13P
   Quarter-brick DC/DC Converter
PQ60010QPA60NK2 SYNQOR-PQ60010QPA60NK2 Datasheet
529Kb / 13P
   Quarter-brick DC/DC Converter
PQ60010QPA60NKS SYNQOR-PQ60010QPA60NKS Datasheet
529Kb / 13P
   Quarter-brick DC/DC Converter
PQ60010QPA60NN2 SYNQOR-PQ60010QPA60NN2 Datasheet
529Kb / 13P
   Quarter-brick DC/DC Converter
PQ60010QPA60NNS SYNQOR-PQ60010QPA60NNS Datasheet
529Kb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ60010QTA40NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com