Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPE6062S Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPE6062S
Description  10Base-T Interface Module with Common Mode Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6062S Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPE6062S Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
10Base-T Interface Module with
Common Mode Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Complies with or exceed IEEE802.3, 10Base- T Standards
• Add “-RC” after part number for RoHS Compliant
• Packaged in Tubes or Tape and Reel
• 2000 Vrms Isolation
EPE6062S & EPE6062S-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6062S & -RC
Rev. 1
11/17/05
JGD
Leakage Inductance
(µH Max.)
0.30
@100 KHz, 20m Vrms
Pins 1-3 & Pins 6-8
Interwinding Capacitance
(pF Max.)
20
@100 KHz, 20m Vrms
Pri. to Sec
DCR
(
Ω Max.)
0.90
Pins 1-3 & Pins 6-8
Primary OCL
(uH Min.)
@100 KHz, 20m Vrms
Pins 1-3 & Pins 6-8
200
Schematic
1CT:1CT
1
2
3
16
15
14
6
7
8
11
10
9
Pins # 4, 5, 12, 13 N/C
1CT:1.4CT
RCV
XMIT
Pri.
Sec.
Package
.050
(1.27)
.016/.022
(.406/.559)
.225
(5.71)
.005/.015
(.127/.381)
.375
(9.53)
0°-8°
.040
(1.02)
.008/.012
(.203/.305)
PCA
EPE6062S(-RC)
Date Code
.450
(11.43)
.250
(6.35)
.050
(1.27)
.350
(8.89)
Solder Pad
Layout
.420
(10.67)
.050
(1.27)
.025
(.635)
.090
(2.29)
Pin 1
I.D.
Notes :
1. Assembly Process (Solder Composition)
2. Peak Solder Rating
(per IPC/JEDEC J-STD-020C)
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC J-STD-020C)
4. Weight
5. Packaging Information
(*Add “TR” to end of part number
when placing order)
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPE6062S-RC
Pb-Free +
(RoHS exemption 7a)
260°C
0.84 grams
39 pieces/tube
600 pieces/13” reel
(*EPE6062S-RCTR)
EPE6062S
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
0.84 grams
39 pieces/tube
600 pieces/13” reel
(*EPE6062S-TR)
SnPb


Similar Part No. - EPE6062S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6064G PCA-EPE6064G Datasheet
25Kb / 1P
   10 Base-T Isolation Transformer
EPE6065AS PCA-EPE6065AS Datasheet
3Mb / 91P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6065AS PCA-EPE6065AS Datasheet
60Kb / 1P
   10Base-T Isolation Transformer
EPE6066 PCA-EPE6066 Datasheet
3Mb / 91P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6066 PCA-EPE6066 Datasheet
171Kb / 1P
   10Base-T Hub Module
More results

Similar Description - EPE6062S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6361S PCA-EPE6361S Datasheet
60Kb / 1P
   10Base-T Isolation Module with Common Mode Choke
EPE6224S PCA-EPE6224S Datasheet
21Kb / 1P
   10Base-T Quad SMT Module with Common Mode Choke
EPA1829BG-RC PCA-EPA1829BG-RC Datasheet
24Kb / 1P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829C PCA-EPA1829C Datasheet
3Mb / 91P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6030G PCA-EPE6030G Datasheet
155Kb / 1P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829AG-RC PCA-EPA1829AG-RC Datasheet
24Kb / 1P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6322S PCA-EPE6322S Datasheet
60Kb / 1P
   10Base-T Isolation Transformer with Common Mode Choke
EPE6313SE PCA-EPE6313SE_09 Datasheet
70Kb / 1P
   Miniature 10Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6378S PCA-EPE6378S Datasheet
26Kb / 1P
   10Base-T Media Isolation Transformer with Common Mode Choke
EPA2214B PCA-EPA2214B Datasheet
27Kb / 1P
   10Base-T Interface Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com