Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF8050S Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8050S
Description  10/100 Base-X Module for QSI 6611/6612 Multi-Port Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8050S Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8050S Datasheet HTML 1Page - PCA ELECTRONICS INC. EPF8050S Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical Parameters @ 25
° C
Isolation : 1500 Vrms •
Impedance : 100
Ω • Rise Time : 3.0 nS Max.
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Crosstalk
(dB Min.)
Return Loss
(dB Min.)
0.1-80
MHz
30-100
MHz
200
MHz
300
MHz
80-100
MHz
150
MHz
1-10
MHz
20-30
MHz
40-60
MHz
Xmit Rcv Xmit Rcv Xmit Rcv Xmit
Xmit Rcv Xmit Rcv
Xmit Rcv Xmit Rcv Xmit Rcv
OCL
@ 70
°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350
µH
Media Side
-1
-1
-14
-3
-18
-10
-30
0.1-100
MHz
-30
-25
-20
-1
-1
-18
-3
Rcv
-18
-18
-25
-20
-10
10/100 Base-X Module for
QSI 6611/6612
Multi-Port Applications
• Also recommended for Broadcom BCM5208 10/100 Solution •
• Significantly improved common mode attenuation •
• Guaranteed to operate with 8 mA DC bias at 70
°C •
• Complies with or exceeds IEEE 802.3, 10 BT/100 BX Standards •
EPF8050S
Dimensions
Package
Schematic
E L E C T R O N I C S I N C .
CSF8050Sa
Rev. Orig.
3/6/97
Receive Channel
Media
Side
1:1
39, 34, 29, 24
40, 35, 30, 25
Chip
Side
2, 7, 12, 17
1, 6, 11, 16
Transmit Channel
36, 31, 26, 21
38, 33, 28, 23
37, 32, 27, 22
5, 10, 15, 20
4, 9, 14, 19
3, 8, 13, 18
Media
Side
Chip
Side
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
Dim.
1.110
.470
.235
.950
.008
.050
.620
.016
.008
.085
0
°
.045
Min.
1.130
.490
.255
Typ.
.012
Typ.
.630
.022
.012
Typ.
8
°
Typ.
Max.
.030
.050
.090
.670
Nom.
(Inches)
(Millimeters)
28.19
11.94
5.97
24.13
.203
1.27
15.75..
406
.203
2.16
0
°
1.14
Min.
28.70
12.45
6.48
Typ.
.305
Typ.
16.00
.559
.305
Typ.
8
°
Typ.
Max.
.762
1.27
2.29
17.02
Nom.
F
Solder Pad Layout
PCA
EPF8050S
Date Code
B
Q
N
M
P
120
21
40
C
L
I
G
E
D
H
A
K
J
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
2 CT:1CT
500
MHz
Xmit Rcv
-15
---
70-100
MHz
Xmit Rcv
-8
-10
Product performance is limited to specified parameters. Data is subject to change without prior notice.


Similar Part No. - EPF8050S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8051G PCA-EPF8051G Datasheet
25Kb / 1P
   10/100 LAN Interface Module for NIC/HUB Applications
EPF8051G-RC PCA-EPF8051G-RC Datasheet
25Kb / 1P
   10/100 LAN Interface Module for NIC/HUB Applications
EPF8057S PCA-EPF8057S Datasheet
55Kb / 2P
   10/100BX Module for Multi-port Applications
EPF8057SM PCA-EPF8057SM Datasheet
54Kb / 1P
   100BX Module for Multi-port Applications
EPF8058S PCA-EPF8058S Datasheet
61Kb / 2P
   10/100 Base-X Module for ICS 1890 & SSI 78Q2120 Multi-Port Applications
More results

Similar Description - EPF8050S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8026G PCA-EPF8026G Datasheet
41Kb / 1P
   High Speed LAN Interface Module for QSI 6611/6612
EPF8030G PCA-EPF8030G Datasheet
35Kb / 1P
   High Speed LAN Interface Module for QSI 6611/6612
EPF8031G PCA-EPF8031G Datasheet
35Kb / 1P
   High Speed LAN Interface Module for QSI 6611/6612
EPF8061SM PCA-EPF8061SM Datasheet
61Kb / 2P
   10/100 Base-X Module for Multi-Port Applications
EPF8116S PCA-EPF8116S Datasheet
30Kb / 2P
   10/100 Base-X Module for Multi-port Applications
EPF8088S PCA-EPF8088S Datasheet
56Kb / 1P
   10/100 Base-X Module for Multi-Port Applications
EPF8129S PCA-EPF8129S Datasheet
45Kb / 1P
   10/100 Base-X Module for LXT975 Multi-Port Applications
EPF8067S PCA-EPF8067S Datasheet
36Kb / 1P
   10/100 Base-X Module for SEEQ 80220 Multi-Port Applications
EPF8062S PCA-EPF8062S Datasheet
74Kb / 1P
   10/100 Base-X Module for Broadcom BCM5203 Multi-Port Applications
EPF8063S PCA-EPF8063S Datasheet
74Kb / 1P
   10/100 Base-X Module for AMD AM79C875 Multi-Port Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com