Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7604 Datasheet(PDF) 8 Page - Exar Corporation

Part # XRP7604
Description  1A 29V Non-Sync. Buck High Power LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7604 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRP7604 Datasheet HTML 4Page - Exar Corporation XRP7604 Datasheet HTML 5Page - Exar Corporation XRP7604 Datasheet HTML 6Page - Exar Corporation XRP7604 Datasheet HTML 7Page - Exar Corporation XRP7604 Datasheet HTML 8Page - Exar Corporation XRP7604 Datasheet HTML 9Page - Exar Corporation XRP7604 Datasheet HTML 10Page - Exar Corporation XRP7604 Datasheet HTML 11Page - Exar Corporation XRP7604 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
X
XR
RP
P7
76
60
04
4
1
1A
A 2
29
9V
V N
No
on
n--S
Sy
yn
nc
c.. B
Bu
uc
ck
k H
Hiig
gh
h P
Po
ow
we
err L
LE
ED
D D
Drriiv
ve
err
© 2009 Exar Corporation
8/13
Rev. 1.0.0
THEORY OF OPERATION
The XRP7604 is a fixed frequency, Voltage-
mode, non-synchronous buck PWM regulator
optimized for driving LEDs. Constant LED
current is achieved using resistor RFB as
shown in the page 1 schematic. A low 0.2V
reference voltage minimizes power dissipation
in RFB. A tight reference voltage tolerance of
±3%, over full operating conditions, helps
accurately program the LED current. High
switching frequency of 1.2MHz (nominal)
reduces the size of passive components.
Dimming and power sequencing is achieved
using a logic-level PWM signal applied to FB
pin via a diode. Overcurrent protection (OCP)
is based on high-side MOSFET’s Rds(on) and is
programmable via a resistor placed at LX
node.
PROGRAMMING THE LED CURRENT
Use the following equation to program the LED
current:
Equ.1:
LED
I
V
RFB
2
.
0
=
The output voltage will adjust as needed to
ensure average ILED is supplied. For example if
the output current has to be set at 0.35A then
RFB=0.57 Ohm. If the output LED has a
corresponding Vf of 3.5V then XRP7604 will
step down the VIN to 3.5V. If two of these
LEDs are placed in series then XRP7604 will
step down the voltage to 7V. Superimposed on
ILED there is a current ripple that is equal in
magnitude to inductor current ripple. Current
ripple will be nominally set to 10% of ILED by
proper sizing of inductor. Note that throughout
this datasheet ILED and IO will be used
interchangeably.
DIMMING SIGNAL
A logic-level PWM signal applied through a
small-signal diode to the feed-back (FB) pin
can be used for dimming control of the LED.
This external signal we call DIM turns the
MOSFET gate drive on/off, thereby modulating
the average current delivered to the LED. The
DIM signal connects to the VFB pin through a
1N4148 diode and will shutdown the XRP7604
when DIM = H and turn-on the XRP7604 when
DIM = L. The DIM signal needs to be greater
than 600mV minimum to turn-off the XRP7604
and less than 200mV to fully turn-on the
XRP7604. It is recommended to use a signal
with DIM = 1V or more for OFF and 0V for ON.
The user should note that the logic is reversed
relative to many other PWM controlled LED
drivers. In other words a logic level high at
20% duty cycle will result in approximately an
80% duty cycle for the LED. Recommended
modulation frequencies are from 100Hz to
200Hz with 10 – 90% duty cycle, 500Hz with
10 – 80% duty cycle, and 1000Hz with 10 -
70% duty cycle. Figures 15 & 16 show the
output response at the maximum PWM DIM
signal of 1000Hz. See figure 17 for 100Hz to
1000Hz duty cycle response for two Luxeon K2
LEDs in parallel at 0.75A total current.
Fig. 14: 1.1KHz, 10% Duty Cycle Dimming Signal
Dimming Signal is ~70% LED Duty Cycle
Fig. 15: 1KHz, 70% Duty Cycle
Dimming Signal is ~10% LED Duty Cycle
Ch1: DIM Signal
Ch2: VFB – 0.75A IOUT/div
Ch1: DIM Signal
Ch2: VFB – 0.75A IOUT/div


Similar Part No. - XRP7604

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
   1.2A 36V Step Down High Brightness LED Driver
XRP7618 EXAR-XRP7618 Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618 EXAR-XRP7618 Datasheet
765Kb / 7P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618EVB EXAR-XRP7618EVB Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618IGB-F EXAR-XRP7618IGB-F Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
More results

Similar Description - XRP7604

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP7656 EXAR-SP7656 Datasheet
1Mb / 10P
   3A, 29V Non-Synchronous Buck Converter
SP7601 EXAR-SP7601 Datasheet
345Kb / 9P
   29V High Voltage LED Driver
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
   1A Buck-Boost LED Driver
logo
Diodes Incorporated
AP8803 DIODES-AP8803_12 Datasheet
232Kb / 10P
   30V 1A BUCK LED DRIVER
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
   HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
logo
Unisonic Technologies
L3010 UTC-L3010_16 Datasheet
193Kb / 6P
   1A HIGH POWER LED DRIVER
logo
Linear Technology
LTC3454 LINER-LTC3454 Datasheet
214Kb / 12P
   1A Synchronous Buck-Boost High Current LED Driver
LTC3454 LINER-LTC3454_15 Datasheet
182Kb / 12P
   1A Synchronous Buck-Boost High Current LED Driver
logo
Shenzhen SI Semiconduct...
SIC9521 SISEMIC-SIC9521 Datasheet
386Kb / 7P
   High Precision Non-Isolated BUCK LED Driver
SIC9552A SISEMIC-SIC9552A Datasheet
583Kb / 9P
   High Precision Non-Isolated Buck LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com