Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60015HPAA0PYS-G Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ60015HPAA0PYS-G
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015HPAA0PYS-G Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ60015HPAA0PYS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015HPAA0PYS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015HPAA0PYS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015HPAA0PYS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015HPAA0PYS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60015HPAA0PYS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60015HPAA0PYS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60015HPAA0PYS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60015HPAA0PYS-G Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Input:
Output:
Current:
Package:
35-75 V
1.5 V
100 A
Half-brick
Technical Specification
To decrease the output voltage, the user should connect a resistor
between Pin 8 and Pin 7 (SENSE(-) input). For a desired decrease
of the nominal output voltage, the value of the resistor should be
Rtrim-down =
(100%) - 2 (kW)
D
where
D% = Vnominal – Vdesired
x 100%
Vnominal
To increase the output voltage, the user should connect a resistor
between Pin 8 and Pin 9 (SENSE(+) input). For a desired increase
of the nominal output voltage, the value of the resistor should be
(k
W)
Rtrim-up =
(Vnominal – 2) x VDES + VNOM
1.225
VDES - VNOM
Figure C graphs the relationship between the trim resistor value
and Rtrim-up and Rtrim-down, showing the total range the output
voltage can be trimmed up or down.
Figure C: Trim Graph for 1.5Vout module
Note: the TRIM feature does not affect the voltage at which the out-
put over-voltage protection circuit is triggered. Trimming the output
voltage too high may cause the over-voltage protection circuit to
engage, particularly during transients.
It is not necessary for the user to add capacitance at the Trim pin.
The node is internally bypassed to eliminate noise.
Total DC Variation of Vout: For the converter to meet its full
specifications, the maximum variation of the DC value of Vout,
due to both trimming and remote load voltage drops, should not
be greater than that specified for the output voltage trim range.
PROTECTION FEATURES
Input Under-Voltage Lockout: The converter is designed to
turn off when the input voltage is too low, helping avoid an input
system instability problem, described in more detail in the applica-
tion note titled “Input System Instability”. The lockout circuitry is a
comparator with DC hysteresis. When the input voltage is rising,
it must exceed the typical Turn-On Voltage Threshold value (listed
on the specification page) before the converter will turn on. Once
the converter is on, the input voltage must fall below the typical
Turn-Off Voltage Threshold value before the converter will turn off.
Input Over-Voltage Shutdown: Available on PQ48 models
only. The converter turns off when the input voltage is too high,
allowing the converter to withstand an input voltage as high as
100V without destruction. The shutdown circuitry is a comparator
with DC hysteresis. When the input voltage exceeds the typical
Input Over-Voltage Shutdown value, the converter will turn off.
Once the converter is off, it will turn back on when the input volt-
age falls below the minimum Input Over-Voltage Shutdown value.
Output Current Limit: The maximum current limit remains
constant as the output voltage drops. However, once the imped-
ance of the short across the output is small enough to make the
output voltage drop below the specified Output DC Current-Limit
Shutdown Voltage, the converter turns off.
The converter then enters a “hiccup mode” where it repeatedly
turns on and off at a 5 Hz (nominal) frequency with a 5% duty
cycle until the short circuit condition is removed. This prevents
excessive heating of the converter or the load board.
Output Over-Voltage Limit: If the voltage across the output
pins exceeds the Output Over-Voltage Protection threshold, the
converter will immediately stop switching. This prevents damage
to the load circuit due to 1) excessive series resistance in output
current path from converter output pins to sense point, 2) a release
of a short-circuit condition, or 3) a release of a current limit condi-
tion. Load capacitance determines exactly how high the output
voltage will rise in response to these conditions. After 200 ms the
converter will automatically restart.
Over-Temperature Shutdown: A temperature sensor on the
converter senses the average temperature of the module. The ther-
mal shutdown circuit is designed to turn the converter off when the
temperature at the sensed location reaches the Over-Temperature
Shutdown value. It will allow the converter to turn on again when
the temperature of the sensed location falls by the amount of the
Over-Temperature Shutdown Restart Hysteresis value.
1
10
100
1,000
0
2
4
6
8
10
12
14
16
18
20
% Increase in Vout
% Decrease in Vout
Product # PQ60015HPAA0
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HP651K Rev. D
05\20\09
Page 10


Similar Part No. - PQ60015HPAA0PYS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015HTA60 SYNQOR-PQ60015HTA60 Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NKF SYNQOR-PQ60015HTA60NKF Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NKS SYNQOR-PQ60015HTA60NKS Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NNF SYNQOR-PQ60015HTA60NNF Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NNS SYNQOR-PQ60015HTA60NNS Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60015HPAA0PYS-G

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com