Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ48015QGA25NRS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ48015QGA25NRS
Description  25 Amp, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ48015QGA25NRS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ48015QGA25NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ48015QGA25NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ48015QGA25NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ48015QGA25NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ48015QGA25NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ48015QGA25NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ48015QGA25NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ48015QGA25NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ48015QGA25NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product # PQ60015QGA25
Phone 1-888-567-9596
Doc.# 005-2QG651D Rev. A
12/19/02
Page 1
Technical Specification
48Vin 1.5Vout 25A
Quarter
Quarter
Brick
Brick
The PQ60015QGA25 PowerQor™ Giga quarter-
brick converter is a next-generation, board-mount-
able, isolated, fixed switching frequency DC/DC
converter that uses synchronous rectification to
achieve extremely high conversion efficiency. The
power dissipated by the converter is so low that a
heatsink is not required, which saves cost, weight,
height, and application effort. All of the power and
control components are mounted to the multi-layer
PCB substrate with high-yield surface mount tech-
nology. Since the PowerQor converter has no
explicit thermal connections, it is extremely reliable.
PQ60015QGA25 Module
25 Amp, No Heatsink, Isolated DC/DC Converter
Mechanical Features
• Industry standard quarter-brick pin-out configuration
• Industry standard size: 1.45” x 2.3”
• Total height less than 0.40”, permits better airflow
and smaller card pitch
• Total weight: 34 grams (1.2 oz.), lower mass great-
ly reduces vibration and shock problems
Safety Features
• 2000V, 10 M
Ω input-to-output isolation provides
input/output ground separation
• UL/cUL 60950 recognized (US & Canada), basic
insulation rating
• TUV certified to EN60950
• Meets 72/23/EEC and 93/68/EEC directives
which facilitates CE Marking in user’s end product
• Board and plastic components meet UL94V-0 flam-
mability requirements
Operational Features
• Ultra-high efficiency, 81% at full rated load current
• Delivers up to 25 amps of output current with mini-
mal derating - no heatsink required
• Wide input voltage range: 35V – 75V, with 100V
100ms input voltage transient withstand
• Fixed frequency switching provides predictable EMI
performance
• No minimum load requirement means no preload
resistors required
Protection Features
• Input under-voltage lockout disables converter at
low input voltage conditions
• Output current limit and short circuit protection
protects converter from excessive load current or
short circuits
• Output over-voltage protection protects load from
damaging voltages
• Thermal shutdown protects converter from abnor-
mal environmental conditions
Control Features
• On/Off control referenced to input side (positive
and negative logic options are available)
• Remote sense for the output voltage compensates
for output distribution drops
• Output voltage trim permits custom voltages and
voltage margining


Similar Part No. - PQ48015QGA25NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48015QGA25NRS SYNQOR-PQ48015QGA25NRS Datasheet
1Mb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ48015QGA25NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60025QGA25 SYNQOR-PQ60025QGA25 Datasheet
753Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015QGA25 SYNQOR-PQ48015QGA25 Datasheet
1Mb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020QGA25 SYNQOR-PQ48020QGA25 Datasheet
739Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033QGA25 SYNQOR-PQ60033QGA25 Datasheet
745Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48050HMA25 SYNQOR-PQ48050HMA25 Datasheet
788Kb / 14P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25 SYNQOR-PQ60018QGA25 Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ24018QGA25 SYNQOR-PQ24018QGA25 Datasheet
658Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com