Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH548WPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # CH548WPT
Description  SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.1 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CH548WPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  CH548WPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CH548WPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CH548WPT
Dimensions in millimeters
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SCHOTTKY BARRIER DIODE
VOLTAGE 30 Volts
CURRENT 0.1 Ampere
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2003-5
Maximum Average Reverse Current at VR= 10V
CHARACTERISTICS
SYMBOL
UNITS
0.45
0.5
uAmps
Volts
Maximum Instantaneous Forward Voltage at IF= 10mA
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current at 8.3 mSec single half sine-wave
Typical Junction Capacitance between Terminal (Note 1)
Storage Temperature Range
Maximum Operating Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
TJ
VF
IR
TSTG
IFSM
CH548WPT
UNITS
30
Volts
Volts
Volts
Amps
21
30
0.1
0.5
4.0
+125
-40 to +125
Amps
pF
oC
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 10.0 volts.
2. ESD sensitive product handling required.
APPLICATION
* General purpose detection
* High speed switching
FEATURE
* Small surface mounting dual element linear type.
(SC-75/SOT-416)
* Low VF and low IR.
* High reliability
CONSTRUCTION
CIRCUIT
* Silicon epitaxial planar
SC-75/SOT-416
SC-75/SOT-416
0.55±0.1
0.5
0.5
1.0±0.1
1.6±0.2
0.7±0.1
0.3±
0.15±0.05
0~0.1
0.8±0.1
1.6±0.2
0.1Min.
0.1
0.05
0.2±0.1
0.05
0.2±0.1
0.05
(1)
(2)
(3)
MARKING
* 3N
CH548WPT


Similar Part No. - CH548WPT

ManufacturerPart #DatasheetDescription
logo
Nanjing Qinheng Microel...
CH548 WCH-CH548 Datasheet
668Kb / 65P
   8-bit USB single chip microcomputer
CH548G WCH-CH548G Datasheet
668Kb / 65P
   8-bit USB single chip microcomputer
CH548L WCH-CH548L Datasheet
668Kb / 65P
   8-bit USB single chip microcomputer
logo
Chenmko Enterprise Co. ...
CH548TSPT CHENMKO-CH548TSPT Datasheet
211Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.1 Ampere
More results

Similar Description - CH548WPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH531UPT CHENMKO-CH531UPT Datasheet
185Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.1 Ampere
CH481YPT CHENMKO-CH481YPT Datasheet
92Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.1 Ampere
CH548TSPT CHENMKO-CH548TSPT Datasheet
211Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.1 Ampere
CH801H-30PT CHENMKO-CH801H-30PT Datasheet
75Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.1 Ampere
CH480YPT CHENMKO-CH480YPT Datasheet
90Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.1 Ampere
BAT34PT CHENMKO-BAT34PT Datasheet
324Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.1 Ampere
CH450FPT CHENMKO-CH450FPT Datasheet
316Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 45 Volts CURRENT 0.1 Ampere
CH501G-40PT CHENMKO-CH501G-40PT Datasheet
152Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 45 Volts CURRENT 0.1 Ampere
CH501S-40PT CHENMKO-CH501S-40PT Datasheet
70Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 45 Volts CURRENT 0.1 Ampere
1SS388PT CHENMKO-1SS388PT Datasheet
70Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.1 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com