Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH601H-70APT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CH601H-70APT
Description  SCHOTTKY BARRIER DIODE VOLTAGE 70 Volts CURRENT 0.1 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CH601H-70APT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CH601H-70APT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CH601H-70APT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( CH601H-70APT )
0
1000
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
0
80
20
40
60
0.1u
10m
1m
100u
10u
1u
10
1
100
0
0
20
40
60
80
100
120
25
50
75
100
125
150
FORWARD VOLTAGE, (V)
FIG. 1 - FORWARD CHARACTERISTICS
REVERSE VOLTAGE, (V)
FIG. 2 - REVERSE CHARACTERISTICS
75
oC
Ta=125
oC
25
oC
REVERSE VOLTAGE, (V)
AMBIENT TEMPERATURE, (
oC)
0
5
10
15
20
25
30
35
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
FIG. 4 - TYPICAL FORWARD CURRENT
DERATING CURVE


Similar Part No. - CH601H-70APT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH601H-70PT CHENMKO-CH601H-70PT Datasheet
67Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 70 Volts CURRENT 0.1 Ampere
More results

Similar Description - CH601H-70APT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH601G-70PT CHENMKO-CH601G-70PT Datasheet
152Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 70 Volts CURRENT 0.1 Ampere
CH601H-70PT CHENMKO-CH601H-70PT Datasheet
67Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 70 Volts CURRENT 0.1 Ampere
CH450FPT CHENMKO-CH450FPT Datasheet
316Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 45 Volts CURRENT 0.1 Ampere
CH501G-40PT CHENMKO-CH501G-40PT Datasheet
152Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 45 Volts CURRENT 0.1 Ampere
CH501S-40PT CHENMKO-CH501S-40PT Datasheet
70Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 45 Volts CURRENT 0.1 Ampere
1SS388PT CHENMKO-1SS388PT Datasheet
70Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.1 Ampere
CH761UPT CHENMKO-CH761UPT Datasheet
192Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 12 Volts CURRENT 0.1 Ampere
CH420DPT CHENMKO-CH420DPT Datasheet
131Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.1 Ampere
CH451FPT CHENMKO-CH451FPT Datasheet
2Mb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.1 Ampere
CH480KPT CHENMKO-CH480KPT Datasheet
71Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 45 Volts CURRENT 0.1 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com