Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60016QTA40 Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # PQ60016QTA40
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60016QTA40 Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button PQ60016QTA40 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60016QTA40 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60016QTA40 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60016QTA40 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60016QTA40 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60016QTA40 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60016QTA40 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60016QTA40 Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60016QTA40 Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Product # PQ60016QTA40
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QT616C Rev. A
12/03/04
Page 7
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
P
Package:
ackage:
35-75 V
35-75 V
1.65 V
1.65 V
40 A
40 A
Quarter-brick
Quarter-brick
Figure 13: Test set-up diagram showing measurement points for Input
Terminal Ripple Current (Figure 14), Input Reflected Ripple Current
(Figure 15) and Output Voltage Ripple (Figure 16).
10 µH
source
impedance
DC/DC
Converter
See Fig. 15
See Fig. 14
See Fig. 16
1 µF
ceramic
capacitor
10 µF,
100m
Ω ESR
tantalum
capacitor
47 µF,
≅1Ω ESR
electrolytic
capacitor
VSOURCE
i
S
i
C
VOUT
Figure 14: Input Terminal Ripple Current, ic, at full rated output cur-
rent and nominal input voltage with 10µH source impedance and 47µF
electrolytic capacitor (100 mA/div). See Figure 13.
Figure 15: Input reflected ripple current, is, through a 10 µH source
inductor at nominal input voltage and rated load current (10 mA/div).
See Figure 13.
Figure 16: Output voltage ripple at nominal input voltage and rated
load current (20 mV/div). Load capacitance: 1µF ceramic capacitor
and 10µF tantalum capacitor. Bandwidth: 500 MHz. See Figure 13.
Figure 17: Output voltage response to step-change in input voltage
(50V to 100V in 40µs). Load cap: 10µF, 100 m
Ω ESR tantalum capaci-
tor and 1µF ceramic cap. Ch 1: Vout (100mV/div), Ch 2: Vin (20V/div).
Figure 18: Load current (20A/div) as a function of time when the con-
verter attempts to turn on into a 1 m
Ω short circuit. Top trace
(2ms/div) is an expansion of the on-time portion of the bottom trace.


Similar Part No. - PQ60016QTA40

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60010EGL20 SYNQOR-PQ60010EGL20 Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60010EGL25 SYNQOR-PQ60010EGL25 Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60010EGw20xyz SYNQOR-PQ60010EGw20xyz Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60010EGw20xyz SYNQOR-PQ60010EGw20xyz Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60010EGw20xyz SYNQOR-PQ60010EGw20xyz Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
More results

Similar Description - PQ60016QTA40

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com