Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60016QTA40PKS Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ60016QTA40PKS
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60016QTA40PKS Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ60016QTA40PKS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60016QTA40PKS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60016QTA40PKS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60016QTA40PKS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60016QTA40PKS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60016QTA40PKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60016QTA40PKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60016QTA40PKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60016QTA40PKS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product # PQ60016QTA40
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QT616C Rev. A
12/03/04
Page 2
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
P
Package:
ackage:
35-75 V
35-75 V
1.65 V
1.65 V
40 A
40 A
Quarter-brick
Quarter-brick
Pin No.
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter
on and off, referenced to
Vin(-), with internal pull up.
3
Vin(-)
Negative input voltage
4
Vout(-)
Negative output voltage
5
SENSE(-)
Negative remote sense1
6
TRIM
Output voltage trim2
7
SENSE(+)
Positive remote sense3
8
Vout(+)
Positive output voltage
Notes:
1. SENSE(-) may be connected to Vout(-) or left open.
2. Leave TRIM pin open for nominal output voltage.
3. SENSE(+) may be connected to Vout(+) or left open.
NOTES
1) Pins 1-3, 5-7 are 0.040” (1.02mm) diameter with
0.080” (2.03 mm) diameter standoff shoulders.
2) Pins 4 and 8 are 0.062” (1.57 mm) diameter with 0.100”
(2.54 mm) diameter standoff shoulders.
3) Other pin extension lengths available. Recommended pin
length is 0.03” (0.76mm) greater than the PCB thickness.
4) All Pins: Material - Copper Alloy
Finish - Tin/Lead over Nickel plate
5) Undimensioned components are shown for visual reference
only.
6) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7) Weight: 1.5 oz. (42 g) typical
8) Workmanship: Meets or exceeds IPC-A-610C Class II
9) UL/TUV standards require a clearance greater than 0.04”
(1.02mm) between input and output for Basic insulation. This issue
should be considered if any copper traces are on the top side of
the user’s board. Note that the ferrite cores are considered part of
the input/primary circuit.
10) The flanged pins are designed to permit surface mount sol-
deing (avoiding the wave soldering process) through the use
of the flanged pin-in-paste technique.
0.300
(7.62)
0.600
(15.24)
1.45
(36.8)
0.43
(10.9)
0.150
(3.81)
0.300
(7.62)
0.450
(11.43)
0.600
(15.24)
0.14
(3.6)
2.30
(58.4)
2.00
(50.8)
Top View
Side View
PIN DESIGNATIONS
MECHANICAL
DIAGRAM
Load Board
Bottom side
Clearance
See Note 9
Lowest
Component
0.43
(10.9)
0.060+.022/-.032
(1.52+.56/-.81)
0.145
(3.68)
See Note 3
Flanged Pin
See Note 10


Similar Part No. - PQ60016QTA40PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60010EGL20 SYNQOR-PQ60010EGL20 Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60010EGL25 SYNQOR-PQ60010EGL25 Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60010EGw20xyz SYNQOR-PQ60010EGw20xyz Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60010EGw20xyz SYNQOR-PQ60010EGw20xyz Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60010EGw20xyz SYNQOR-PQ60010EGw20xyz Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
More results

Similar Description - PQ60016QTA40PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com