Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60018ETL45PRS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ60018ETL45PRS
Description  Eighth-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018ETL45PRS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ60018ETL45PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018ETL45PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018ETL45PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018ETL45PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60018ETL45PRS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60018ETL45PRS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60018ETL45PRS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60018ETL45PRS Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60018ETL45PRS Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Product # PQ60018ETL45
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ET618F Rev. B
06/01/09
Page 11
Input:
Output:
Current:
Package:
35-75 V
1.8 V
45 A
Eighth-brick
Technical Specification
To increase the output voltage, the user should connect a resistor
betweenPin6andPin7(SENSE(+)input).Foradesiredincrease
of the nominal output voltage, the value of the resistor should be
Rtrim-up
(kW)
)
where
VOUT=NominalOutputVoltage
=
(
_ 511 _ 10.22
5.11VOUT(100+D%)
1.225D%
D%
FigureCgraphstherelationshipbetweenthetrimresistorvalue
and Rtrim-up and Rtrim-down, showing the total range the output
voltage can be trimmed up or down.
1
10
100
1,000
10,000
0
2
4
6
8
10
12
14
16
18
20
% increase Vout
% decrease Vout
Figure C: Trim Graph for 1.8Vout module
Note:theTRIMfeaturedoesnotaffectthevoltageatwhichthe
output over-voltage protection circuit is triggered. Trimming the
output voltage too high may cause the over-voltage protection
circuit to engage, particularly during transients.
ItisnotnecessaryfortheusertoaddcapacitanceattheTrimpin.
The node is internally bypassed to eliminate noise.
Total DC Variation of Vout:Fortheconvertertomeetitsfull
specifications, the maximum variation of the DC value of Vout,
due to both trimming and remote load voltage drops, should not
be greater than that specified for the output voltage trim range.
PROTECTIONFEATURES
Input Under-Voltage Lockout:Theconverterisdesignedto
turn off when the input voltage is too low, helping avoid an input
system instability problem, described in more detail in the applica-
tionnotetitled“InputSystemInstability”.Thelockoutcircuitryisa
comparatorwithDChysteresis.Whentheinputvoltageisrising,it
mustexceedthetypicalTurn-OnVoltageThresholdvalue(listedon
thespecificationpage)beforetheconverterwillturnon.Oncethe
converter is on, the input voltage must fall below the typical Turn-
OffVoltageThresholdvaluebeforetheconverterwillturnoff.
Output Current Limit: Once the output current reaches the
current-limit inception point, the converter will decrease the output
voltage as the output current increases. However, once the imped-
ance of the short across the output is small enough to make the
outputvoltagedropbelowthespecifiedOutputDCCurrent-Limit
ShutdownVoltage,theconverterturnsoff(seeFigure23).
The converter then enters a “hiccup mode” where it repeatedly
turnsonandoffata5Hz(nominal)frequencywitha5%duty
cycle until the short circuit condition is removed. This prevents
excessive heating of the converter or the load board.
Output Over-Voltage Limit:Ifthevoltageacrosstheoutput
pins exceeds the Output Over-Voltage Protection threshold, the
converter will immediately stop switching. This prevents damage
to the load circuit due to 1) excessive series resistance in output
currentpathfromconverteroutputpinstosensepoint,2)arelease
ofashort-circuitcondition,or3)areleaseofacurrentlimitcondi-
tion. Load capacitance determines exactly how high the output
voltagewillriseinresponsetotheseconditions.After200msthe
converter will automatically restart.
Over-Temperature Shutdown:Atemperaturesensoronthe
converter senses the average temperature of the module. The ther-
mal shutdown circuit is designed to turn the converter off when the
temperatureatthesensedlocationreachestheOver-Temperature
Shutdownvalue.Itwillallowtheconvertertoturnonagainwhen
the temperature of the sensed location falls by the amount of the
Over-TemperatureShutdownRestartHysteresisvalue.


Similar Part No. - PQ60018ETL45PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018EGA20NKS SYNQOR-PQ60018EGA20NKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NNS SYNQOR-PQ60018EGA20NNS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NRS SYNQOR-PQ60018EGA20NRS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NYS SYNQOR-PQ60018EGA20NYS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20PKS SYNQOR-PQ60018EGA20PKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60018ETL45PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com