Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60018EKC25NKS-G Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60018EKC25NKS-G
Description  Eighth-brick DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018EKC25NKS-G Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60018EKC25NKS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60018EKC25NKS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60018EKC25NKS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60018EKC25NKS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60018EKC25NKS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60018EKC25NKS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018EKC25NKS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018EKC25NKS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018EKC25NKS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Technical
Specification
PQ60018EKx25
Product # PQ60018EKx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005113 Rev. B
06/12/09
Page 1
The PQ60018EKx25 PowerQor
® eighth-brick converter
is a next-generation, board-mountable, isolated,
fixed switching frequency DC/DC converter that uses
synchronous rectification to achieve extremely high
conversion efficiency. The power dissipated by the
converter is so low that a heatsink is not required,
which saves cost, weight, height, and application
effort. All of the power and control components are
mounted to the multi-layer PCB substrate with high-
yield surface mount technology. Since the PowerQor
converter has no explicit thermal interfaces, it is
extremely reliable. RoHS compliant (see page 15).
48V
1.8V
25A
2000V dc
Eighth-brick
Input
Output
Current
Isolation
DC-DC Converter
Mechanical Features
Operational Features
Protection Features
Control Features
Safety Features
CONTENTS
Page No.
Mechanical Drawing - Open frame - EKA & EKL (low Profile) . . . . . . . . 2
Mechanical Drawing - Encased . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
PQ60018EKx25 (1.8 V, 25 A) Electrical Characteristics . . . . . . . . . . . . 4-5
PQ60018EKx25 Standards & Qualification Testing . . . . . . . . . . . . . . . . 6
PQ60018EKx Figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7-10
Application Section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11-14
Ordering Information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
PQ60018EKA25
Module
• High efficiency, 84% at full load
• Delivers up to 25A of output current with minimal derating -
no heatsink required
• Wide input voltage range: 35V–75V, with 100V, 100ms input
voltage transient capability
• Fixed frequency switching provides predictable EMI performance
• No minimum load requirement means no preload resistors required
• Industry standard eighth-brick pin-out configuration
• Industry standard size: 0.90”x2.3” (22.9x58.4mm)
• Total height only 0.340” (8.64mm), permits better airflow and
smaller card pitch
• Total weight: 0.85oz. (24 grams)
• Flanged pins designed to permit surface mount soldering
(avoid wave solder) using FPiP technique
• On/Off control referenced to input side (positive and negative logic
options are available)
• Remote sense for the output voltage compensates for output
distribution drops
• Output voltage trim permits custom voltages and voltage margining
• Input under-voltage lockout disables converter at low input
voltage conditions
• Output current limit and short circuit protection protects converter
and load from permanent damage and consequent
hazardous conditions
• Active back bias limit prevents damage to converter
from external load induced pre-bias
• Output over-voltage protection protects load from
damaging voltages
• Thermal shutdown protects converter from abnormal
environmental conditions
• 2000V, 30MΩ input-to-output isolation provides input/output
ground separation
• UL 60950-1 recognized (US & Canada),basic insulation rating
• TUV certified to EN60950-1
• Board and plastic components meet UL94V-0 flammability requirements


Similar Part No. - PQ60018EKC25NKS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018EGA20NKS SYNQOR-PQ60018EGA20NKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NNS SYNQOR-PQ60018EGA20NNS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NRS SYNQOR-PQ60018EGA20NRS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NYS SYNQOR-PQ60018EGA20NYS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20PKS SYNQOR-PQ60018EGA20PKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60018EKC25NKS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com