Electronic Components Datasheet Search |
|
PQ60018QGA25PNF Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters |
|
PQ60018QGA25PNF Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters |
1 / 13 page Product # PQ60018QGA25 Phone 1-888-567-9596 Doc.# 005-2QG618D Rev. B 6/26/02 Page 1 Technical Specification 48Vin 1.8Vout 25A Quarter Quarter Brick Brick The PQ60018QGA25 PowerQor™ Giga quarter- brick converter is a next-generation, board-mount- able, isolated, fixed switching frequency DC/DC converter that uses synchronous rectification to achieve extremely high conversion efficiency. The power dissipated by the converter is so low that a heatsink is not required, which saves cost, weight, height, and application effort. All of the power and control components are mounted to the multi-layer PCB substrate with high-yield surface mount tech- nology. Since the PowerQor converter has no explicit thermal connections, it is extremely reliable. PQ60018QGA25 Module 25 Amp, No Heatsink, Isolated DC/DC Converter Mechanical Features • Industry standard quarter-brick pin-out configuration • Industry standard size: 1.45” x 2.3” • Total height less than 0.40”, permits better airflow and smaller card pitch • Total weight: 34 grams (1.2 oz.), lower mass great- ly reduces vibration and shock problems Safety Features • 2000V, 10 M Ω input-to-output isolation provides input/output ground separation • UL/cUL 60950 recognized (US & Canada), basic insulation rating • TUV certified to EN60950 • Meets 72/23/EEC and 93/68/EEC directives which facilitates CE Marking in user’s end product • Board and plastic components meet UL94V-0 flam- mability requirements Operational Features • Ultra-high efficiency, 84% at full rated load current • Delivers up to 25 amps of output current with mini- mal derating - no heatsink required • Wide input voltage range: 35V – 75V with 100V 100ms input voltage transient withstand • Fixed frequency switching provides predictable EMI performance • No minimum load requirement means no preload resistors required Protection Features • Input under-voltage lockout disables converter at low input voltage conditions • Output current limit and short circuit protection protects converter from excessive load current or short circuits • Output over-voltage protection protects load from damaging voltages • Thermal shutdown protects converter from abnor- mal environmental conditions Control Features • On/Off control referenced to input side (positive and negative logic options are available) • Remote sense for the output voltage compensates for output distribution drops • Output voltage trim permits custom voltages and voltage margining |
Similar Part No. - PQ60018QGA25PNF |
|
Similar Description - PQ60018QGA25PNF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |