Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60018QPA60PYS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60018QPA60PYS
Description  Quarter-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018QPA60PYS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60018QPA60PYS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60018QPA60PYS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60018QPA60PYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60018QPA60PYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60018QPA60PYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60018QPA60PYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018QPA60PYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018QPA60PYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018QPA60PYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Technical
Specification
PQ60018QPA60
Product # PQ60018QPA60
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QP618F Rev. B
09/24/08
Page 1
The PQ60018QPA60 PowerQorPeta Quarter-brick
converter is a next-generation, board-mountable, isolated,
fixed switching frequency DC/DC converter that uses
synchronous rectification to achieve extremely high
conversion efficiency. The power dissipated by the converter
is so low that a heatsink is not required, which saves cost,
weight, height, and application effort. All of the power
and control components are mounted to the multi-layer PCB
substrate with high-yield surface mount technology. Since
the PowerQor converter has no explicit thermal interfaces, it
is extremely reliable. The Peta series offers industry leading
output currents for any standard quarter-brick module. RoHS
Compliant see last page.
PQ60018QPA60 Module
48 V
1.8 V
60 A
2000 Vdc
Quarter-brick
Input
Output
Current
Isolation
DC/DC Converter
•Ultra-highefficiency,90%halfload,87%fullload
•Deliversupto60Aofoutputcurrentwithminimalder-
ating-noheatsinkrequired
•Wideinputvoltagerange:35-75V,with100V
100msinputvoltagetransientcapability
•FixedfrequencyswitchingprovidespredictableEMI
performance
•Nominimumloadrequirementmeansnopreloadresis-
torsrequired
Operational Features
•Inputunder-voltagelockoutdisablesconverteratlow
inputvoltageconditions
•Outputcurrentlimitandshortcircuitprotectionprotects
converterandloadfromdamageandconsequenthaz-
ardousconditions
•Activebackbiaslimitpreventsdamagetoconverter
fromexternalloadinducedpre-bias
•Outputover-voltageprotectionprotectsloadfromdam-
agingvoltages
•Thermalshutdownprotectsconverterfromabnormal
environmentalconditions
Protection Features
•2000V,30MWinput-to-outputisolationprovides
input/outputgroundseparation
•UL/cUL60950recognized(US&Canada),basicinsu-
lationrating
•TUVcertifiedtoEN60950
•Meets72/23/EECand93/68/EECdirectiveswhich
facilitatesCEMarkinginuser’sendproduct
•BoardandplasticcomponentsmeetUL94V-0flamma-
bilityrequirements
Safety Features
•Industrystandardquarter-brickpin-outconfiguration
•Industrystandardsize:1.45"x2.3"(36.8x58.4mm)
•Totalheightlessthan0.45"(11.4mm),permitsbetter
airflowandsmallercardpitch
•Totalweight:1.5oz(42g)
•Flangedpinsdesignedtopermitsurfacemountsolder-
ing(avoidwavesolder)usingFPiPtechnique
Mechanical Features
•On/Offcontrolreferencedtoinputside(positiveand
negativelogicoptionsareavailable)
•Remotesensefortheoutputvoltagecompensatesfor
outputdistributiondrops
•Outputvoltagetrimpermitscustomvoltagesandvolt-
agemargining
Control Features


Similar Part No. - PQ60018QPA60PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018QGA25 SYNQOR-PQ60018QGA25 Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25NKF SYNQOR-PQ60018QGA25NKF Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25NKS SYNQOR-PQ60018QGA25NKS Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25NNF SYNQOR-PQ60018QGA25NNF Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25NNS SYNQOR-PQ60018QGA25NNS Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60018QPA60PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com