Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60025EKA20NKS-G Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # PQ60025EKA20NKS-G
Description  Eighth-brick DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60025EKA20NKS-G Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button PQ60025EKA20NKS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60025EKA20NKS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60025EKA20NKS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60025EKA20NKS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60025EKA20NKS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60025EKA20NKS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60025EKA20NKS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60025EKA20NKS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60025EKA20NKS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Product # PQ60025EKx20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005112 Rev. C
06/12/09
Page 7
Input:
Output:
Current:
Part No.:
35-75V
2.5V
20A
PQ60025EKx20
Technical Specification
0
2
4
6
8
10
12
14
0
5
10
15
20
Load Current (A)
35 Vin
48 Vin
75 Vin
60
65
70
75
80
85
90
95
100
0
5
10
15
20
Load Current (A)
35 Vin
48 Vin
75 Vin
1
2
3
4
5
6
7
8
100
200
300
400
Air Flow (LFM)
25º C
40º C
55º C
0
5
10
15
20
25
25
40
55
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
83
84
85
86
87
88
89
90
91
100
200
300
400
Air Flow (LFM)
25º C
40º C
55º C
Figure 1: Efficiency at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Figure 2: Efficiency at nominal output voltage and 60% rated power
vs. airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C
(nominal input voltage).
Figure 3: Power dissipation at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Figure 4: Power dissipation at nominal output voltage and 60% rated
power vs. airflow rate for ambient air temperatures of 25°C, 40°C, and
55°C (nominal input voltage).
Figure 5: Maximum output power-derating curve vs. ambient air
temperature for airflow rates of 100 LFM through 400 LFM with air
flowing from pin 3 to pin 1 (nominal input voltage).
Figure 6: Thermal plot of converter at 17.5 A load current (43.75 W)
with 55°C air flowing at the rate of 200 LFM. Air is flowing across the
converter from pin 3 to pin 1 (nominal input voltage).
PQ60025EKx20 Figures


Similar Part No. - PQ60025EKA20NKS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60025EGL20 SYNQOR-PQ60025EGL20 Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NKS SYNQOR-PQ60025EGL20NKS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NNS SYNQOR-PQ60025EGL20NNS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NRS SYNQOR-PQ60025EGL20NRS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NYS SYNQOR-PQ60025EGL20NYS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60025EKA20NKS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com