Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60025EKA20NNS-G Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # PQ60025EKA20NNS-G
Description  Eighth-brick DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60025EKA20NNS-G Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button PQ60025EKA20NNS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60025EKA20NNS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60025EKA20NNS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60025EKA20NNS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60025EKA20NNS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60025EKA20NNS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60025EKA20NNS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60025EKA20NNS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60025EKA20NNS-G Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Product # PQ60025EKx20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005112 Rev. C
06/12/09
Page 9
Input:
Output:
Current:
Part No.:
35-75V
2.5V
20A
PQ60025EKx20
Technical Specification
0
1
2
3
4
5
6
7
8
9
10
11
12
40.0
39.5
39.0
38.5
38.0
37.5
37.0
36.6
36.0
35.5
35.0
Input Voltage (V)
100% Load
50% Load
0% Load
10 µH
source
impedance
DC/DC
Converter
See Fig. 15
See Fig. 14
See Fig. 16
1 µF
ceramic
capacitor
15 µF,
100mW ESR
tantalum
capacitor
47 µF,
<1W ESR
electrolytic
capacitor
VSOURCE
iS
iC
VOUT
Figure 13: Test set-up diagram showing measurement points for Input Terminal
Ripple Current (Figure 14), Input Reflected Ripple Current (Figure 15) and
Output Voltage Ripple (Figure 16).
Figure 14:
Input Terminal Ripple Current, ic, at full rated output current and
nominal input voltage with 10µH source impedance and 47µF electrolytic
capacitor (50 mA/div). See Figure 13.
Figure 15: Input reflected ripple current, is, through a 10 µH source
inductor, using a 47µF electrolytic input capacitor (5mA/div). See
Figure 13.
Figure 16: Output voltage ripple at nominal input voltage and rated
load current (50 mV/div). Load capacitance: 1µF ceramic capacitor and
15µF tantalum capacitor. Bandwidth: 20 MHz. See Figure 13.
Figure 17: Output voltage response to step-change in input voltage
(48V to 75V), at 20A load current. Load cap: 15µF tantalum capacitor
and 1uF ceramic cap. Ch 1: Vout (100mV/div), Ch 2: Vin (50V/div).
Figure 18: Achievable trim-up percentage vs. input voltage at 0%, 50% and
full load. Vin=35-40V.
PQ60025EKx20 Figures


Similar Part No. - PQ60025EKA20NNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60025EGL20 SYNQOR-PQ60025EGL20 Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NKS SYNQOR-PQ60025EGL20NKS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NNS SYNQOR-PQ60025EGL20NNS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NRS SYNQOR-PQ60025EGL20NRS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NYS SYNQOR-PQ60025EGL20NYS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60025EKA20NNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com