Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH847BPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # CH847BPT
Description  NPN General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CH847BPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  CH847BPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CH847BPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CH847BPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CH847BPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CH847BPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
NPN General Purpose Transistor
VOLTAGE 45 Volts
CURRENT 0.1 Ampere
APPLICATION
FEATURE
* Small surface mounting type. (SOT-23)
* High current gain.
* Suitable for high packing density.
* AF input stages and driver applicationon equipment.
* Other general purpose applications.
2004-03
* Low colloector-emitter saturation.
* High saturation current capability.
CIRCUIT
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
50
V
V CEO
collector-emitter voltage
open base
45
V
V
VEBO
emitter-base voltage
open collector
6
IC
collector current (DC)
0.1
A
P
0.35
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
150
°C
W
Collector power dissipation
C
0.2
SOT-23
2
3
1
2. When mounted on a 7X5X0.6mm ceramic board.
Note2
MARKING
* HFE(Q):NV
* HFE(R):1F
* HFE(S):NW
.103 (2.64)
.028 (0.70)
.020 (0.50)
.055 (1.40)
.047 (1.20)
.045 (1.15)
.033 (0.85)
.086 (2.20)
(1)
(2)
(3)
Dimensions in inches and (millimeters)
SOT-23


Similar Part No. - CH847BPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH847SPT CHENMKO-CH847SPT Datasheet
114Kb / 4P
   NPN Muti-Chip General Purpose Amplifier
CH847UPNPT CHENMKO-CH847UPNPT Datasheet
107Kb / 3P
   PNP&NPN Muti-Chip General Purpose Transistor
More results

Similar Description - CH847BPT

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com