Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60025ETL35NKS Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ60025ETL35NKS
Description  Eighth-brick DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60025ETL35NKS Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ60025ETL35NKS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60025ETL35NKS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60025ETL35NKS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60025ETL35NKS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60025ETL35NKS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60025ETL35NKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60025ETL35NKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60025ETL35NKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60025ETL35NKS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product # PQ60025ETL35
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ET625F Rev. B
5/28/08
Page 2
Technical Specification
Input:
Output:
Current:
Package:
35V – 75 V
2.5 V
35 A
Eighth-brick
NOTES
1)Pins1-3,5-7are0.040"(1.02mm)diameterwith0.080"(2.03mm)
diameterstandoffshoulders.
2)Pins4and8are0.062"(1.57mm)diameterwith0.100"(2.54mm)
diameterstandoffshoulders.
3)Recommendedpinlengthis0.03"(0.76mm)greaterthanthePCB
thickness.Otherpinlengthsavailable.
4)AllPins:Material-CopperAlloy;Finish-MatteTinoverNickelplate
5)Undimensionedcomponentsshownareforvisualreferenceonly.
6)Weight: 0.85oz.(24g)typical
7)Alldimensionsininches(mm)
Tolerances: x.xx+/-0.02in.(x.x+/-0.5mm)
x.xxx+/-0.010in.(x.xx+/-0.25mm)
8)Workmanship:MeetsorexceedscurrentIPC-A-610CClassII
9)UL/TUVstandardsrequireaclearancegreaterthan0.04”
(1.02mm)betweeninputandoutputforBasicinsulation.This
issueshouldbeconsideredifanycoppertracesareonthetopside
oftheuser’sboard.Notethattheferritecoreshownatleftabove
isconsideredpartoftheinput/primarycircuitandthatthetwo
ferritecoresshownattherightaboveareconsideredpartofthe
output/secondarycircuit.
10)Theflangedpinsaredesignedtopermitsurfacemountsoldering
(allowingtoavoidthewavesolderingprocess)throughtheuseofthe
flangedpin-in-pastetechnique.
Notes:
1. SENSE(–)shouldbeconnectedtoVout(–)eitherremotelyoratthe
converter.
2. LeaveTRIMpinopenfornominaloutputvoltage.
3. SENSE(+)shouldbeconnectedtoVout(+)eitherremotelyoratthe
converter.
PINDESIGNATIONS
MECHANICALDIAGRAM
Pin
No.
Name
Function
1
Vin(+)
Positiveinputvoltage
2
ON/OFF
TTLinputtoturnconverter
onandoff,referencedto
Vin(-)withinternalpullup
3
Vin(-)
Negativeinputvoltage
4
Vout(-)
Negativeoutputvoltage
5
SENSE(-)
Negativeremotesense1
6
TRIM
Outputvoltagetrim2
7
SENSE(+) Positiveremotesense3
8
Vout(+)
Positiveoutputvoltage
1
2
3
8
7
6
5
4
0.300
(7.62)
0.600
(15.24)
0.900+0.022
(22.86+0.55)
0.15
(3.8)
0.150
(3.81)
0.300
(7.62)
0.450
(11.43)
0.14
(3.6)
2.30
(58.4)
2.00
(50.8)
Top View
0.600
(15.24)
Side View
LoadBoard
BottomSideClearance
0.016+0.015
(0.41+0.38)
OverallHeight
0.320+0.015
(8.13+0.38)
Lowest
Component
0.145
(3.68)
SeeNote3
FlangedPin
SeeNote10


Similar Part No. - PQ60025ETL35NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60025EGL20 SYNQOR-PQ60025EGL20 Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NKS SYNQOR-PQ60025EGL20NKS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NNS SYNQOR-PQ60025EGL20NNS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NRS SYNQOR-PQ60025EGL20NRS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NYS SYNQOR-PQ60025EGL20NYS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60025ETL35NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com