Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60025ETL35NYS Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # PQ60025ETL35NYS
Description  Eighth-brick DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60025ETL35NYS Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button PQ60025ETL35NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60025ETL35NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60025ETL35NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60025ETL35NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60025ETL35NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60025ETL35NYS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60025ETL35NYS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60025ETL35NYS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60025ETL35NYS Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Product # PQ60025ETL35
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ET625F Rev. B
5/28/08
Page 9
Technical Specification
Input:
Output:
Current:
Package:
35V – 75 V
2.5 V
35 A
Eighth-brick
BASICOPERATIONANDFEATURES
Thesinglestagepowerconverterswitchesatafixedfre-
quencyforpredictableEMIperformance.Rectificationof
thetransformer’soutputisaccomplishedwithsynchronous
rectifiers.Thesedevices,whichareMOSFETswithaverylow
on-stateresistance,dissipatefarlessenergythanSchottky
diodes.ThisistheprimaryreasonthatthePowerQorcon-
verterhassuchhighefficiency,evenatverylowoutputvolt-
agesandveryhighoutputcurrents.
Dissipationthroughouttheconverterissolowthatitdoes
notrequireaheatsinkforoperation.Sinceaheatsinkisnot
required,thePowerQorconverterdoesnotneedametal
baseplateorpottingmaterialtohelpconductthedissipated
energytotheheatsink.ThePowerQorconvertercanthusbe
builtmoresimplyandreliablyusinghighyieldsurfacemount
techniquesonaPCBsubstrate.
ThePowerQorseriesofeighth-brick,quarter-brickandhalf-
brickconvertersusestheindustrystandardfootprintand
pin-outconfiguration.
CONTROLFEATURES
REMOTE ON/OFF (Pin 2):TheON/OFFinput,Pin2,permits
theusertocontrolwhentheconverterisonoroff.Thisinputis
referencedtothereturnterminaloftheinputbus,Vin(-).There
aretwoversionsoftheconverterthatdifferbythesenseofthe
logicusedfortheON/OFFinput.
In the positive logic version, the ON/OFF input is active high
(meaningthatahighturnstheconverteron).Inthenegative
logicversion,theON/OFFsignalisactivelow(meaningthata
lowturnstheconverteron).FigureAdetailsfivepossiblecircuits
for driving the ON/OFF pin. Figure B is a detailed look of the
internalON/OFFcircuitry.
REMOTE SENSE(+) (Pins 7 and 5):TheSENSE(+)inputs
correctforvoltagedropsalongtheconductorsthatconnect
theconverter’soutputpinstotheload.
Pin7shouldbeconnectedtoVout(+)andPin5shouldbe
connectedtoVout(-)atthepointontheboardwhereregula-
tionisdesired.Aremoteconnectionattheloadcanadjust
foravoltagedroponlyaslargeasthatspecifiedinthis
datasheet,thatis
[Vout(+)-Vout(-)][Vsense(+)-Vsense(-)]<
SenseRange%xVout
Pins7and5mustbeconnectedforproperregulationof
theoutputvoltage.Iftheseconnectionsarenotmade,the
converterwilldeliveranoutputvoltagethatisslightlyhigher
thanitsspecifiedvalue.
Note:theoutputover-voltageprotectioncircuitsensesthe
voltageacrosstheoutput(pins8and4)todeterminewhen
itshouldtrigger,notthevoltageacrosstheconverter’ssense
leads(pins7and5).Therefore,theresistivedroponthe
boardshouldbesmallenoughsothatoutputOVPdoesnot
trigger,evenduringloadtransients.
OpenCollectorEnableCircuit
Figure A:
Various circuits for driving the ON/OFF pin.
Figure B:
Internal ON/OFF pin circuitry
RemoteEnableCircuit
DirectLogicDrive
NegativeLogic
(PermanentlyEnabled)
PositiveLogic
(PermanentlyEnabled)
ON/OFF
Vin(-)
ON/OFF
ON/OFF
Vin(-)
ON/OFF
5V
TTL/
CMOS
Vin(-)
ON/OFF
Vin(-)
Vin(-
)
TTL
5V
50k
10k
ON/OFF
Vin(-)
100pF


Similar Part No. - PQ60025ETL35NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60025EGL20 SYNQOR-PQ60025EGL20 Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NKS SYNQOR-PQ60025EGL20NKS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NNS SYNQOR-PQ60025EGL20NNS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NRS SYNQOR-PQ60025EGL20NRS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NYS SYNQOR-PQ60025EGL20NYS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60025ETL35NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com