Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHDTA124TEPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHDTA124TEPT
Description  PNP Digital Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHDTA124TEPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHDTA124TEPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHDTA124TEPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHDTA124TEPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CHARA CTERISTICS
Tamb =25 °C unless otherwise speciÞed.
Not e
1.Pulse test: tp
≤300uS; δ ≤0.02.
SY MBOL
PARAMETER
CONDITIONS
MIN.
TY P .
MAX.
UNIT
BVCBO
Collector-Base breakdown voltage
IC= -50uA
-50.0
IC= -1mA
V
V
IE= -50uA
ICBO
Collector-Base current
VCB= -50V
IEBO
Emitter-Base current
R1
Input resistor
VEB= -4V
hFE
DC current gain
IC= -1mA; VCE= -5.0V
-0.5
100
26.6
15.4
K
22
uA
f T
Transition frequency
IE=5mA, VCE= -10.0V
f=100MHz
=
250
MHz
RATING CHARACTERISTIC ( CHDTA124TEPT )
V
VCE(sat)
Collector-Emitter Saturation voltage
BVCEO
Collector-Emitter breakdown voltage
BVEBO
Emitter-Base breakdown voltage
-50.0
-5.0
-0.3
-0.5
uA
250
600
V
IC= -10mA; IB= -1mA


Similar Part No. - CHDTA124TEPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHDTA124TKPT CHENMKO-CHDTA124TKPT Datasheet
104Kb / 3P
   PNP Digital Silicon Transistor
CHDTA124TMPT CHENMKO-CHDTA124TMPT Datasheet
115Kb / 3P
   PNP Digital Silicon Transistor
CHDTA124TUPT CHENMKO-CHDTA124TUPT Datasheet
101Kb / 3P
   PNP Digital Silicon Transistor
More results

Similar Description - CHDTA124TEPT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR555 INFINEON-BCR555_07 Datasheet
138Kb / 6P
   PNP Silicon Digital Transistor
2007-07-24
BCR158 INFINEON-BCR158 Datasheet
480Kb / 9P
   PNP Silicon Digital Transistor
May-18-2004
logo
Chenmko Enterprise Co. ...
CHDTA114EEPT CHENMKO-CHDTA114EEPT Datasheet
93Kb / 3P
   PNP Digital Silicon Transistor
CHDTA114GMPT CHENMKO-CHDTA114GMPT Datasheet
82Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114WUPT CHENMKO-CHDTA114WUPT Datasheet
67Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114GUPT CHENMKO-CHDTA114GUPT Datasheet
87Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114TEPT CHENMKO-CHDTA114TEPT Datasheet
115Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EEPT CHENMKO-CHDTA115EEPT Datasheet
94Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EMPT CHENMKO-CHDTA115EMPT Datasheet
88Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EUPT CHENMKO-CHDTA115EUPT Datasheet
96Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115GKPT CHENMKO-CHDTA115GKPT Datasheet
71Kb / 2P
   PNP Digital Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com