Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS40-7928J Datasheet(PDF) 2 Page - Emerson Network Power

Part # NFS40-7928J
Description  40 W universal input ac-dc power supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS40-7928J Datasheet(HTML) 2 Page - Emerson Network Power

  NFS40-7928J Datasheet HTML 1Page - Emerson Network Power NFS40-7928J Datasheet HTML 2Page - Emerson Network Power NFS40-7928J Datasheet HTML 3Page - Emerson Network Power NFS40-7928J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.06.9.09_118
NFS40 Medical
 of 4
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated
Environmental Specifications
Thermal performance:
Operating, see curve
0° C to +70 °C
Non-operating
-40 °C to +85 °C
0 - 50 °C ambient temperature,
convection cooled
40 W
0 - 50 °C ambient temperature
50 W @ 20 CFM
+50 °C to +70 °C ambient
Derate linearly to 50% load
Peak (30 seconds)
60 W
Relative humidity:
Non-condensing
5 to 95% RH
Altitude:
Operating
10,000 feet max.
Non-operating
40,000 feet max.
Vibration (See Note 11):
5 - 500 Hz
0.75 G peak
EMC Charateristics
Conducted emissions:
EN55022, FCC part 15
Level A
Radiated emissions:
EN55022, FCC part 15
Level A
ESD air:
EN61000-4-2, level 3
Perf. criteria 1
ESD contact:
EN61000-4-2, level 4
Perf. criteria 1
Surge:
EN61000-4-5, level 3
Perf. criteria 1
Fast transients:
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity:
EN61000-4-3, level 3
Perf. criteria 2
Conducted immunity:
EN61000-4-6, level 3
Perf. criteria 2
General Specifications
Hold-up time:
110 Vac
230 Vac
18 ms
132 ms
Efficiency:
110 Vac, 230 Vac
70% typical
Isolation voltage:
Input/output
Input/chassis
4000 Vac
1500 Vac
Switching frequency:
20 - 110 kHz
Approvals and standards:
(See Note 12)
VDE0750, IEC601, EN60601-1, UL2601, CSA C22.2 No. 125
Weight:
270 g (9.6 oz)
MTBF demonstrated:
MIL-HDBK-217E
170,000 hours
Electrical Specifications Continued


Similar Part No. - NFS40-7928J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NFS40-7928J EMERSON-NETWORKPOWER-NFS40-7928J Datasheet
249Kb / 4P
   40 W universal input ac-dc power supply
More results

Similar Description - NFS40-7928J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40 Datasheet
249Kb / 4P
   40 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL Datasheet
241Kb / 4P
   65 W universal input ac-dc power supply
NFS110 EMERSON-NETWORKPOWER-NFS110 Datasheet
242Kb / 4P
   110 W universal input ac-dc power supply
NFS80 EMERSON-NETWORKPOWER-NFS80 Datasheet
245Kb / 4P
   80 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL_09 Datasheet
959Kb / 4P
   65 W universal input ac-dc power supply
NLP40 EMERSON-NETWORKPOWER-NLP40 Datasheet
91Kb / 3P
   40-50 W AC/DC Universal Input Switch Mode Power Supplies
logo
ETA-USA
OBH40T ETA-USA-OBH40T Datasheet
691Kb / 7P
   AC/DC SWITCHING POWER SUPPLY TRIPLE CHANNEL OUTPUT 40 WATTS UNIVERSAL INPUT
OBH40D ETA-USA-OBH40D Datasheet
689Kb / 7P
   AC/DC SWITCHING POWER SUPPLY DUAL CHANNEL OUTPUT 40 WATTS UNIVERSAL INPUT
AOPS150 ETA-USA-AOPS150 Datasheet
1Mb / 7P
   150 Watt AC/DC Power Supply Universal Input
OBH40S ETA-USA-OBH40S Datasheet
686Kb / 7P
   AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 40 WATTS UNIVERSAL INPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com