Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLP65-9920J Datasheet(PDF) 1 Page - Emerson Network Power

Part # NLP65-9920J
Description  65 W universal input ac-dc power supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP65-9920J Datasheet(HTML) 1 Page - Emerson Network Power

  NLP65-9920J Datasheet HTML 1Page - Emerson Network Power NLP65-9920J Datasheet HTML 2Page - Emerson Network Power NLP65-9920J Datasheet HTML 3Page - Emerson Network Power NLP65-9920J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
NLP65 Medical
Series
Single, dual and triple output
Special Features
• 85 VAC to 264 VAC universal
input range
• Harmonic current correction
as standard
• Maximum component height
1.26 inches
• UL, CSA and VDE safety approvals
• Overvoltage and short circuit
protection
• 5 x 3 x 1.26 inch (127.0 x 76.2 x
32mm) footprint
• Available RoHS compliant
• 2 year warranty
Total Power:
65W
Input Voltage: 85 - 264 VAC
# of Outputs:
Single, dual,
triple
Safety
VDE0705/EN60601-1/IEC1010
File No. 10401-3336-0156/32480
Licence No. 121949
UL1950 File No. E147937
CSA C22.2 No. 950
File No. LR41062C
Rev.06.18.09_104
NLP65 Medical
1 of 4
Electrical Specifications
Input
Input voltage range:
Universal input
(see Note 2)
85 - 264 Vac
Input frequency range:
47 - 63 Hz
Input current:
(cold start)
120 Vac
230 Vac
17 A max.
32 A max
Safety ground leakage current:
264 Vac, 60 Hz
95 µA
Input current:
120 Vac
230 Vac
1.05 A rms
0.51 A rms
Input fuse:
250 Vac F 3.15 A
Output
Output power:
Natural convection
65 W max.
Total regulation:
(line and load)
See table
Rise time:
At turn-on
1.0 s, max
Transient response:
Main output
25% step at 0.1 A/µs
5.0% max. dev.,
1ms recovery to 1.0%
Temperature coefficient:
± 0.02%/°C
Overvoltage protection:
Main outputs
125%, ± 10%
Short circuit protection:
Cyclic operation
Yes


Similar Part No. - NLP65-9920J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP65-9920J EMERSON-NETWORKPOWER-NLP65-9920J Datasheet
241Kb / 4P
   65 W universal input ac-dc power supply
NLP65-9920J EMERSON-NETWORKPOWER-NLP65-9920J Datasheet
427Kb / 4P
   85 VAC to 264 VAC universal input range
More results

Similar Description - NLP65-9920J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL Datasheet
241Kb / 4P
   65 W universal input ac-dc power supply
NFS40 EMERSON-NETWORKPOWER-NFS40_09 Datasheet
465Kb / 4P
   40 W universal input ac-dc power supply
NFS110 EMERSON-NETWORKPOWER-NFS110 Datasheet
242Kb / 4P
   110 W universal input ac-dc power supply
NFS40 EMERSON-NETWORKPOWER-NFS40 Datasheet
249Kb / 4P
   40 W universal input ac-dc power supply
NFS80 EMERSON-NETWORKPOWER-NFS80 Datasheet
245Kb / 4P
   80 W universal input ac-dc power supply
logo
ETA-USA
AOPS150 ETA-USA-AOPS150 Datasheet
1Mb / 7P
   150 Watt AC/DC Power Supply Universal Input
logo
JDS Uniphase Corporatio...
DMS-3500PWR02 JDSU-DMS-3500PWR02 Datasheet
114Kb / 2P
   330 W NEBS 3 Redundant Universal AC-DC Power Supply
logo
Artesyn Technologies
NLP65-3300J ARTESYN-NLP65-3300J Datasheet
91Kb / 3P
   33 W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3334 ARTESYN-NLP65-3334 Datasheet
86Kb / 3P
   50 W AC/DC Universal Input Switch Mode Power Supplies
logo
ETA-USA
ZMB65-SX-W6 ETA-USA-ZMB65-SX-W6 Datasheet
1Mb / 2P
   65 Watt AC/DC Medical Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com