Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLP250N-99S12J Datasheet(PDF) 4 Page - Emerson Network Power

Part # NLP250N-99S12J
Description  Active PFC and EN61000-3-2 compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP250N-99S12J Datasheet(HTML) 4 Page - Emerson Network Power

  NLP250N-99S12J Datasheet HTML 1Page - Emerson Network Power NLP250N-99S12J Datasheet HTML 2Page - Emerson Network Power NLP250N-99S12J Datasheet HTML 3Page - Emerson Network Power NLP250N-99S12J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
Rev.05.12.09_181
NLP250 Medical Series
4 of 4
DERATING CURVE Output Power (Watts)
0 C
10 C
20 C
30 C
40 C
50 C
60 C
70 C
0 W
175 W
250 W
200 LFM (1.0 m/s)
FORCED AIR COOLING
NATURAL FREE AIR
CONVECTION COOLING
87 W
125 W
75 W
24 V Free Air
12 V Free Air
All Models
Forced Air
DERATING CURVE Output Power (Watts)
WITH COVER
0 C
10 C
20 C
30 C
40 C
50 C
60 C
70 C
0 W
175 W
250 W
250 LFM (1.25 m/s)
FORCED AIR COOLING
NATURAL FREE AIR
CONVECTION COOLING
125 W
75 W
12 V Free Air
24 V Free Air
All Models
Forced Air
Figure1:DeratingCurve
OutputPower(Watts)
Figure1b:DeratingCurveWithCover
OutputPower(Watts)
Pin Connections
J1
Pin 1
Ground/Earth
Pin 2
Live
Pin 3
Neutral
Pin Connections Continued
J2
Pin 1
+12V
FanVoltage
Pin 2
SGND
Return
J3
Pin 1
Vo
+MainOutput
Pin 2
Vo
+MainOutput
Pin 3
RTN
MainReturn
Pin4
RTN
MainReturn
J4
Pin 1
+S
+VoRemoteSense
Pin 2
-S
VoRemoteSense
Pin 3
LS
LoadShareSignal
Pin4
PS OFF RemoteON/OFFsignalNO
Pin5
PS ON
RemoteON/OFFsignalNC
Pin 6
SGND
Signal Common
Pin7
PWOK
PowerGood
Pin 8
5Vsb
Stand-byVoltage
Pin9
DCOK
DCPowerGoodSignal
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
information or for any errors or omissions.
EmersonNetworkPowerandtheEmerson
Network Power logo are trademarks and
servicemarksofEmersonElectricCo.
©2009EmersonElectricCo.
EmersonNetworkPower.com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
PowerSwitching&Controls
Precision Cooling
Racks&IntegratedCabinets
Services
Surge Protection
Emerson Network Power.
Thegloballeaderinenabling
business-critical continuity.
ACPower
Connectivity
DCPower
ConnectorandMatingConnectorTypes
Connector
Type
MatingConnectorType
J1
Molex09-65-2058(5273series)voidpins
2and4orequivalent
Molex09-52-4054(5239series)orequivalentwithMolex
08-52-0072(2478series)orequivalentcrimpterminals
J2
Molex22-23-2021(6373series)or
equivalent
Molex22-01-3027(2695series)orequivalentwithMolex
08-50-01113(2759series)orequivalentcrimpterminals
J3
Molexterminalblock387007504or
equivalent
Terminalblockcontains#6-32screwwithclamp
washersuitableforwiresize12-22awg(0.5-2.5mm2).
MaxTorquetp1.36Nm(12in.lb)
J4
Molex22-23-2091(6373series)or
equivalent
Molex22-01-3097(2695series)orequivalentwithMolex
08-50-0113(2759series)orequivalentcrimpterminals


Similar Part No. - NLP250N-99S12J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP250N-99S12J EMERSON-NETWORKPOWER-NLP250N-99S12J Datasheet
443Kb / 4P
   Active PFC and EN61000-3-2 compliant
NLP250N-99S12J EMERSON-NETWORKPOWER-NLP250N-99S12J Datasheet
577Kb / 4P
   Single Output Medical safeties
logo
Artesyn Technologies
NLP250N-99S12J ARTESYN-NLP250N-99S12J Datasheet
650Kb / 4P
   Single Output 250 W
More results

Similar Description - NLP250N-99S12J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP250 EMERSON-NETWORKPOWER-NLP250_10 Datasheet
573Kb / 4P
   Active PFC and EN61000-3-2 compliant
NLP250MEDICAL EMERSON-NETWORKPOWER-NLP250MEDICAL Datasheet
443Kb / 4P
   Active PFC and EN61000-3-2 compliant
NLP250 EMERSON-NETWORKPOWER-NLP250 Datasheet
444Kb / 4P
   Active PFC and EN61000-3-2 compliant
logo
SynQor Worldwide Headqu...
AQ1100IUXX SYNQOR-AQ1100IUXX Datasheet
2Mb / 8P
   Active PFC; EN61000-3-2 compliant
logo
Sparkle Power Inc.
FSP250-60SBV SPI-FSP250-60SBV Datasheet
309Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP400-60WAP SPI-FSP400-60WAP Datasheet
95Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
logo
Artesyn Technologies
LPS100-M ARTESYN-LPS100-M Datasheet
678Kb / 3P
   EN61000-3-2 compliant
logo
Sparkle Power Inc.
FSP250-60FAG SPI-FSP250-60FAG Datasheet
38Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP250-70PFU SPI-FSP250-70PFU Datasheet
40Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP300-60UAP SPI-FSP300-60UAP Datasheet
98Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com