Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLP65-9915J Datasheet(PDF) 4 Page - Emerson Network Power

Part # NLP65-9915J
Description  65 W universal input ac-dc power supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP65-9915J Datasheet(HTML) 4 Page - Emerson Network Power

  NLP65-9915J Datasheet HTML 1Page - Emerson Network Power NLP65-9915J Datasheet HTML 2Page - Emerson Network Power NLP65-9915J Datasheet HTML 3Page - Emerson Network Power NLP65-9915J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
Rev.06.18.09_104
NLP65 Medical
4 of 4
C19
ALL DIMENSIONS IN INCHES (mm)
5.00
(127.00)
MAXIMUM COMPONENT
HEIGHT 1.26 (32.00)
N
1
1
J3
J1
J2
6
4.550
(115.57)
2.550
(64.770)
TOLERANCE:
.xxx
0.005"
.xx
0.02"
0.225
(5.715)
3.00
(76.20)
3
Mounting
Hole Diameter
0.156 (4.00)
T1
L
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.PowerConversion.com
techsupport.embeddedpower@
emerson.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Emerson Network Power and the Emerson
Network Power logo are trademarks and ser-
vice marks of Emerson Electric Co.
©2009 Emerson Electric Co.
EmersonNetworkPower.com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power
Pin Connections
J1
Pin 1
AC Line
Pin 2
No Pin
Pin 3
AC Neutral
J2
Pin 1
Safety Ground
Output Pin Connections
J3
SINGLE
DUAL
TRIPLE
Pin 1
No Connection
V (B)
V (B)
Pin 2
V (A)
V (A)
V (A)
Pin 3
V (A)
V (A)
V (A)
Pin 4
Return
Return
Return
Pin 5
Return
Return
Return
Pin 6
No Connection
No Pin
V (C)
Input and Output
Connectors
Mating Connectors
AC (J1)
Molex 26-60-4030 type
Molex 09-50-3031 or equivalent with Molex
08-50-0105 or equivalent crimp terminals
DC (J3)
Molex 26-60-4060
Molex 09-50-3061 with Molex 2478 phosphor
bronze crimp terminals or equivalent.


Similar Part No. - NLP65-9915J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP65-9915J EMERSON-NETWORKPOWER-NLP65-9915J Datasheet
241Kb / 4P
   65 W universal input ac-dc power supply
NLP65-9915J EMERSON-NETWORKPOWER-NLP65-9915J Datasheet
427Kb / 4P
   85 VAC to 264 VAC universal input range
More results

Similar Description - NLP65-9915J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL Datasheet
241Kb / 4P
   65 W universal input ac-dc power supply
NFS40 EMERSON-NETWORKPOWER-NFS40_09 Datasheet
465Kb / 4P
   40 W universal input ac-dc power supply
NFS110 EMERSON-NETWORKPOWER-NFS110 Datasheet
242Kb / 4P
   110 W universal input ac-dc power supply
NFS40 EMERSON-NETWORKPOWER-NFS40 Datasheet
249Kb / 4P
   40 W universal input ac-dc power supply
NFS80 EMERSON-NETWORKPOWER-NFS80 Datasheet
245Kb / 4P
   80 W universal input ac-dc power supply
logo
ETA-USA
AOPS150 ETA-USA-AOPS150 Datasheet
1Mb / 7P
   150 Watt AC/DC Power Supply Universal Input
logo
JDS Uniphase Corporatio...
DMS-3500PWR02 JDSU-DMS-3500PWR02 Datasheet
114Kb / 2P
   330 W NEBS 3 Redundant Universal AC-DC Power Supply
logo
Artesyn Technologies
NLP65-3300J ARTESYN-NLP65-3300J Datasheet
91Kb / 3P
   33 W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3334 ARTESYN-NLP65-3334 Datasheet
86Kb / 3P
   50 W AC/DC Universal Input Switch Mode Power Supplies
logo
ETA-USA
ZMB65-SX-W6 ETA-USA-ZMB65-SX-W6 Datasheet
1Mb / 2P
   65 Watt AC/DC Medical Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com