Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120EGL07PKS Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ60120EGL07PKS
Description  Eighth-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120EGL07PKS Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ60120EGL07PKS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120EGL07PKS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120EGL07PKS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120EGL07PKS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120EGL07PKS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120EGL07PKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120EGL07PKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120EGL07PKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120EGL07PKS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Product # PQ60120EGL07
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG612D Rev. B
8/23/07
Page 3
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
12 V
12 V
6.25 A
6.25 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
Parameter
Min.
Typ.
Max.
Units
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
Continuous
Operating
80
V
Continuous
Operating Transient Protection
100
V
100ms transient, square wave
Isolation Voltage (input to output)
2000
V
Basic insulation, Pollution Degree 2
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
35
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
32
33
34
V
Turn-Off Voltage Threshold
28.5
29.5
30.5
V
Lockout Voltage Hysteresis
2.5
3.5
4.5
V
Maximum Input Current
2.5
A
100% Load, 35 Vin
No-Load Input Current
40
65
mA
Disabled Input Current
2.5
5.0
mA
Inrush Current Transient Rating
0.02
A2s
Response to Input Transient
200
mV
1000V/ms input transient
Input Reflected Ripple Current
10
mA
RMS thru 10µH inductor; Figures 13 & 15
Input Terminal Ripple Current
210
mA
RMS; Figures 13 & 14
Recommended Input Fuse
20
A
Fast blow external fuse recommended
Input Filter Component Values (L\C)
2.0\2.2
µH\µF
Internal values; see Figure D
Recommended External Input Capacitance
47
µF
Typical ESR 0.1-0.2W; see Figure 13
OUTPUT CHARACTERISTICS
Output Voltage Set Point
11.85
12.00
12.15
V
Output Voltage Regulation
Over Line
+0.05 \ 6 +0.1 \ 12
%\mV
Over Load
+0.05 \ 6 +0.1 \ 12
%\mV
Over Temperature
+24
+100
mV
Total Output Voltage Range
11.72
12.28
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise1
20MHz bandwidth; Figures 13 & 16
Peak-to-Peak
75
100
mV
Full Load; see Figures 13 & 16
RMS
15
20
mV
Full Load; see Figures 13 & 16
Operating Output Current Range
0
6.25
A
Subject to thermal derating; Figures 5 - 8
Output DC Current-Limit Inception
6.8
7.5
8.2
A
Output Voltage 10% Low; Figure 17
Output DC Current-Limit Shutdown Voltage
9.0
V
Back-Drive Current Limit while Enabled
0.12
A
Negative current drawn from output
Back-Drive Current Limit while Disabled
10
50
mA
Negative current drawn from output
Maximum Output Capacitance
1,000
µF
12Vout at 6.25A Resistive Load
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
50
dB
120 Hz; Figure 20
Output Voltage during Load Current Transient
For a Step Change in Output Current (0.1A/µs)
400
mV
50% to 75% to 50% Iout max; Figure 11
For a Step Change in Output Current (1A/µs)
250
mV
50% to 75% to 50% Iout max; Figure 12
Settling Time
800
µs
To within 1% Vout nom
Turn-On Transient
Turn-On Time
4
10
ms
Full load, Vout=90% nom.; Figures 9 & 10
Start-Up Inhibit Time
180
230
250
ms
Figure F
Output Voltage Overshoot
0
%
1,000 µF load capacitance, Iout = 0A
EFFICIENCY
100% Load
91
%
Figures 1 - 4
50% Load
91
%
Figures 1 - 4
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
See Figures 5 - 8 for derating curves
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2000
V
Isolation Resistance
30
MW
Isolation Capacitance2
470
pF
PQ60120EGL07 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient tem-
perature with appropriate power derating. Specifications subject to change without notice.
Note 1: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com)
Note 2: Higher values of isolation capacitance can be added external to the module.


Similar Part No. - PQ60120EGL07PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120EGw07xy SYNQOR-PQ60120EGw07xy Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60120EGw07xyS SYNQOR-PQ60120EGw07xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60120EGw07xyS SYNQOR-PQ60120EGw07xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60120EGw07xyS SYNQOR-PQ60120EGw07xyS Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60120EGw07xyS SYNQOR-PQ60120EGw07xyS Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
More results

Similar Description - PQ60120EGL07PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com