Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHEMA5PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # CHEMA5PT
Description  Dual Digital Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHEMA5PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  CHEMA5PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHEMA5PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHEMA5PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CHEMA5PT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
Dual Digital Silicon Transistor
VOLTAGE 50 Volts
CURRENT 100 mAmpere
CIRCUIT
APPLICATION
FEATURE
* High current gain.
* Suitable for high packing density.
* Switching circuit, Inverter, Interface circuit, Driver circuit.
* Low colloector-emitter saturation.
* High saturation current capability.
* tow CHDTA123J chips in apackage.
* Built in bias resistor(R1=2.2k
Ω, Typ. )
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
Supply voltage
-50
V
VIN
Input voltage
-12
+5
V
IO
-100
IC(Max.)
DC Output current
-100
mA
PTOT
Total power dissipation
Tamb
≤ 25 OC, Note 1
150
mW
TSTG
Storage temperature
−55
+150
OC
TJ
Junction temperature
150
OC
2
1
R1
R2
R2
R1
4
5
3
2004-07
* Small surface mounting type. (SOT-553)
SOT553
MARKING
* A5
Dimensions in millimeters
SOT553
(4)
(5)
(3)
(1)
1.5~1.7
0.5~0.6
0.19~0.18
0.50
0.50
0.9~1.1
1.5~1.7
0.15~0.3
1.1~1.3


Similar Part No. - CHEMA5PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHEMA11PT CHENMKO-CHEMA11PT Datasheet
122Kb / 3P
   Dual Digital Silicon Transistor
CHEMA2PT CHENMKO-CHEMA2PT Datasheet
100Kb / 3P
   Dual Digital Silicon Transistor
CHEMA3PT CHENMKO-CHEMA3PT Datasheet
125Kb / 3P
   Dual Digital Silicon Transistor
CHEMA4PT CHENMKO-CHEMA4PT Datasheet
111Kb / 3P
   Dual Digital Silicon Transistor
CHEMA6PT CHENMKO-CHEMA6PT Datasheet
110Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - CHEMA5PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMH14PT CHENMKO-CHUMH14PT Datasheet
108Kb / 3P
   Dual Digital Silicon Transistor
CHEMA3PT CHENMKO-CHEMA3PT Datasheet
125Kb / 3P
   Dual Digital Silicon Transistor
CHEMA4PT CHENMKO-CHEMA4PT Datasheet
111Kb / 3P
   Dual Digital Silicon Transistor
CHEMA6PT CHENMKO-CHEMA6PT Datasheet
110Kb / 3P
   Dual Digital Silicon Transistor
CHEMA11PT CHENMKO-CHEMA11PT Datasheet
122Kb / 3P
   Dual Digital Silicon Transistor
CHEMB6PT CHENMKO-CHEMB6PT Datasheet
97Kb / 3P
   Dual Digital Silicon Transistor
CHEMD12PT CHENMKO-CHEMD12PT Datasheet
117Kb / 4P
   Dual Digital Silicon Transistor
CHEMD22PT CHENMKO-CHEMD22PT Datasheet
187Kb / 4P
   Dual Digital Silicon Transistor
CHEMG9PT CHENMKO-CHEMG9PT Datasheet
93Kb / 3P
   Dual Digital Silicon Transistor
CHEMG11PT CHENMKO-CHEMG11PT Datasheet
129Kb / 3P
   Dual Digital Silicon Transistor
CHIMB3PT CHENMKO-CHIMB3PT Datasheet
119Kb / 3P
   Dual Digital Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com