Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120HZA50 Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ60120HZA50
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120HZA50 Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ60120HZA50 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120HZA50 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120HZA50 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120HZA50 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120HZA50 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120HZA50 Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120HZA50 Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60120HZA50 Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60120HZA50 Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
12 V
12 V
50 A
50 A (600W)
(600W)
Half-brick
Half-brick
T
Technical S
echnical Specification
pecification
Product # PQ60120HZA50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HZ612J Rev. A
8/20/07
Page 11
temperature at the sensed location reaches the "Over-Temperature
Shutdown" value*. It will allow the converter to turn on again
when the temperature of the sensed location falls by the amount
of the "Over-Temperature Shutdown Restart Hysteresis" value*.
APPLICATION CONSIDERATIONS
Limited Output Voltage Resolution: The internal voltage
control feedback loop has limited resolution. Therefore, the output
voltage will exhibit discrete steps as the loop responds to changes
in line, load, trim, or remote sense. For instance, on close exam-
ination, the startup ramp has a "stair-step" shape. Likewise, a
load transient response will be composed of multiple discrete
steps. The size of each step is well determined, and is shown in
Figure C. A close-up picture of a single step is shown in Figure
D. Stepping will not occur under steady state conditions.
Current share and active trim not recommended: It is
important to note that external feedback control using the sense
or trim pins will cause sustained stepping. External current share
or active trim circuits contain a separate reference voltage. After
this external feedback has taken control, the actual output voltage
can still differ from the external reference voltage by as much as
the step size. If the external feedback loop integrates this error
voltage, it will cause a limit cycle oscillation. For this reason,
external feedback using the sense and trim pins is not recom-
mended.
Input System Instability: This condition can occur because
any DC/DC converter appears incrementally as a negative
resistance load. A detailed application note titled “Input System
Instability” is available on the SynQor website which provides
an understanding of why this instability arises, and shows the
preferred solution for correcting it.
0
20
40
60
80
100
120
140
35
40
45
50
55
60
65
70
75
Vin (V)
= 12.0 Vout
= 10.0 Vout
8.75 Vout
Figure C: Output voltage resolution.
Figure D: Smallest possible Vout step at 48Vin and 12Vout.
* See Electrical Characteristics page.
££


Similar Part No. - PQ60120HZA50

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120HZA50NKS-G SYNQOR-PQ60120HZA50NKS-G Datasheet
988Kb / 13P
   Half-brick DC/DC Converter
PQ60120HZA50NNS-G SYNQOR-PQ60120HZA50NNS-G Datasheet
988Kb / 13P
   Half-brick DC/DC Converter
PQ60120HZA50NRS-G SYNQOR-PQ60120HZA50NRS-G Datasheet
988Kb / 13P
   Half-brick DC/DC Converter
PQ60120HZA50NYS-G SYNQOR-PQ60120HZA50NYS-G Datasheet
988Kb / 13P
   Half-brick DC/DC Converter
PQ60120HZA50PKS-G SYNQOR-PQ60120HZA50PKS-G Datasheet
988Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60120HZA50

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com