Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120HPA20PYS Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ60120HPA20PYS
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120HPA20PYS Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ60120HPA20PYS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120HPA20PYS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120HPA20PYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120HPA20PYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120HPA20PYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120HPA20PYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120HPA20PYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120HPA20PYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120HPA20PYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Product # PQ60120HPA20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HP612K Rev. E
3/08/05
Page 3
Input:
Input:
Output:
Output:
Current:
Current:
P
Package:
ackage:
35-75 V
35-75 V
12 V
12 V
20 A
20 A
Half-brick
Half-brick
T
Technical S
echnical Specification
pecification
Parameter
Min.
Typ.
Max.
Units
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
continuous
Operating
80
V
continuous
Operating Transient Protection
100
V
100ms transient, square wave
Isolation Voltage (input to output)1
2000
V
Basic insulation level, Pollution degree 2
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
35
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
31.5
33.3
34.4
V
Turn-Off Voltage Threshold
29.5
31.0
32.4
V
Lockout Voltage Hysteresis
2.2
2.3
2.4
V
Maximum Input Current
7.6
A
100% Load, 35 Vin
No-Load Input Current
90
110
mA
Disabled Input Current
2
5
mA
Inrush Current Transient Rating
0.03
A2s
Response to Input Transient
3.5
V
1000V/ms input transient
Input Reflected Ripple Current
5
mA
RMS thru 10µH inductor; Figures 13 & 15
Input Terminal Ripple Current
210
mA
RMS; Figures 13 & 14
Recommended Input Fuse
20
A
fast blow external fuse recommended
Input Filter Component Values (C1\L\C2)
1\3\6.4
µF\µH\µF internal values, see Figure E
Recommended External Input Capacitance
47
µF
Typical ESR 0.1-0.2
, see Figure 13
OUTPUT CHARACTERISTICS
Output Voltage Set Point
11.88
12.00
12.12
V
Output Voltage Regulation
Over Line
+0.05 \ 6 +0.1 \ 12
%\mV
Over Load
+0.1 \ 12 +0.2 \ 24
%\mV
Over Temperature
+45
+90
mV
Total Output Voltage Range
11.75
12.33
V
over sample, line, load, temperature & life
Output Voltage Ripple and Noise1
20MHz bandwidth; Figures 13 & 16
Peak-to-Peak
50
100
mV
Full Load, see Figures 13 & 16
RMS
15
30
mV
Full Load, see Figures 13 & 16
Operating Output Current Range
0
20
A
Subject to thermal derating; Figures 5-8
Output DC Current-Limit Inception
22
23.5
25
A
Output Voltage 10% Low; Figure 17
Output DC Current-Limit Shutdown Voltage
7.5
V
Back-Drive Current Limit while Enabled
0.1
0.4
1.0
A
Negative current drawn from output
Back-Drive Current Limit while Disabled
0
10
50
mA
Negative current drawn from output
Maximum Output Capacitance
10,000
µF
12Vout at 20A Resistive Load
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
70
dB
120 Hz; Fig. 20
Output Voltage during Load Current Transient
For a Step Change in Output Current (0.1A/µs)
650
mV
50% to 75% to 50% Iout max; Figure 11
For a Step Change in Output Current (5A/µs)
650
mV
50% to 75% to 50% Iout max; Figure 12
Settling Time
400
µs
to within 1% Vout nom
Turn-On Transient
Turn-On Time
16
20
24
ms
Full load, Vout=90% nom.; Figures 9 & 10
Start-Up Inhibit Time
180
200
240
ms
-40°C to +125°C; Figure A
Output Voltage Overshoot
0
%
10,000 µF load capacitance, Iout = 0A
EFFICIENCY
100% Load
92.5
%
Figures 1 - 4
50% Load
93.5
%
Figures 1 - 4
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
See Figures 5 - 8 for derating curves
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)2
2000
V
Isolation Resistance
30
M
Isolation Capacitance3
3300
pF
PQ60120HPA20 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient
temperature with appropriate power derating. Specifications subject to change without notice.
Note 1: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com)
Note 2: For applications requiring 2,250V of isolation, order module with V option (see ordering information on last page of this datasheet).
Note 3: Higher values of isolation capacitance can be added external to the module.


Similar Part No. - PQ60120HPA20PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120HTA14 SYNQOR-PQ60120HTA14 Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120HTA14NKF SYNQOR-PQ60120HTA14NKF Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120HTA14NKS SYNQOR-PQ60120HTA14NKS Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120HTA14NNF SYNQOR-PQ60120HTA14NNF Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120HTA14NNS SYNQOR-PQ60120HTA14NNS Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60120HPA20PYS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com