Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120HZB50NKS Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # PQ60120HZB50NKS
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120HZB50NKS Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  PQ60120HZB50NKS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120HZB50NKS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120HZB50NKS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120HZB50NKS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120HZB50NKS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120HZB50NKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120HZB50NKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120HZB50NKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120HZB50NKS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
12 V
12 V
50 A
50 A (600W)
(600W)
Half-brick
Half-brick
T
Technical S
echnical Specification
pecification
Product # PQ60120HZA50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HZ612J Rev. A
8/20/07
Page 4
Parameter
Min.
Typ.
Max.
Units
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
Continuous
Operating
80
V
Continuous
Operating Transient Protection
100
V
100ms transient, square wave
Isolation Voltage (input to output)
2250
V
Basic insulation, Pollution Degree 2
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
35
48
75
V
100V transient for 100ms
Input Under-Voltage Lockout
Turn-On Voltage Threshold
31.5
33.0
34.5
V
Turn-Off Voltage Threshold
29.0
30.5
32.0
V
Lockout Voltage Hysteresis
1.5
2.5
3.5
V
Maximum Input Current
20
A
100% Load, 35 Vin, trimmed up 5%
No-Load Input Current
125
200
mA
Disabled Input Current
20
40
mA
Response to Input Transient
1.0
V
0.25V/µs input transient
Input Reflected Ripple Current
5
20
mA
RMS thru 4.7µH inductor
Input Terminal Ripple Current
220
mA
RMS
Recommended Input Fuse
30
A
Fast blow external fuse recommended
Input Filter Component Values (L\C)
0.75\11
µH\µF
Internal values; see Figure F (Lin\C2)
Recommended External Input Capacitance
220
µF
Typical ESR 0.1-0.2W
OUTPUT CHARACTERISTICS
Output Voltage Set Point
11.72
12.00
12.28
V
Output Voltage Regulation
Over Line1
+1.0\120
%\mV
Over Load1
+1.0\120
%\mV
Over Temperature
+90
+240
mV
Total Output Voltage Range
11.60
12.40
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise2
20MHz bandwidth
Peak-to-Peak
90
150
mV
Full Load
RMS
20
30
mV
Full Load
Operating Output Current Range
0
50
A
Subject to thermal derating
Output DC Current-Limit Inception
55
60
65
A
Output Voltage 10% Low
Output DC Current-Limit Shutdown Voltage3
5.0
V
Back-Drive Current Limit while Enabled
13
18
23
A
Negative current drawn from output source
Back-Drive Current Limit while Disabled
0
3
4
mA
Negative current drawn from output source
Maximum Output Capacitance
12
mF
12Vout at 50A Resistive Load
DYNAMIC CHARACTERISTICS
Output Voltage during Load Current Transient
For a Step Change in Output C urrent (0.1A/µs)
350
mV
50% to 75% to 50% Iout max, 470 µF load cap
For a Step Change in Output Current (5A/µs)
500
mV
Settling Time
1
ms
To within 1% Vout nom
Turn-On Transient
Turn-On Time
24
27
30
ms
Full load, ON/OFF to Vout=90% nom.
Output Voltage Overshoot
2
%
EFFICIENCY
100% Load
94.5
95.0
%
Figures 1 & 2
50% Load
96.5
%
Figures 1 & 2
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
See Figures 3 - 6 for derating curves
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2250
V
Isolation Resistance
30
MW
Isolation Capacitance4
1000
pF
PQ60120HZA50 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient tem-
perature with appropriate power derating. Specifications subject to change without notice.
Note 1: Line and load regulation is limited by duty cycle quantization and does not indicate a shift in the internal voltage reference.
Note 2: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com).
Note 3: If the output voltage falls below the Output DC Current Limit Shutdown Voltage for more than 50ms, then the unit will enter into hiccup mode, with a 500ms off-time.
Note 4: Higher values of isolation capacitance can be added external to the module.


Similar Part No. - PQ60120HZB50NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120HZB50NKS-G SYNQOR-PQ60120HZB50NKS-G Datasheet
988Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60120HZB50NKS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com