Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120HZA50NRS Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ60120HZA50NRS
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120HZA50NRS Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ60120HZA50NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120HZA50NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120HZA50NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120HZA50NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120HZA50NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120HZA50NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120HZA50NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120HZA50NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120HZA50NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
12 V
12 V
50 A
50 A (600W)
(600W)
Half-brick
Half-brick
T
Technical S
echnical Specification
pecification
Product # PQ60120HZA50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HZ612J Rev. A
8/20/07
Page 3
PIN DESIGNATIONS
Pin connections are identical to open frame version
shown on page 2. Use “B” as 10th letter in part
number for base-plated version (see ordering page).
Bottom side
Clearance
0.145 typ.
(3.68)
See Note 6
M3
Threaded
Standoff
4 Places
See Note 1
Top View
12
3
4
5
6
7
8
9
Side View
0.20
(5.1)
0.20
(5.1)
1.90
(48.3)
1.90
(48.3)
2.00
(50.8)
2.30
(58.4)
0.400
(10.16)
0.19
(4.8)
0.50
(12.6)
2.40
(61.0)
0.400
(10.16)
1.000
(25.40)
1.000
(25.40)
1.400
(35.56)
1.400
(35.56)
0.700
(17.78)
NOTES
1) M3 screws used to bolt unit’s baseplate to other surfaces (such
as heatsink) must not exceed 0.100” (2.54 mm) depth below
the surface of the baseplate.
2) Applied torque per screw should not exceed 6in-lb. (0.7 Nm)
3) Baseplate flatness tolerance is 0.004” (.10mm) TIR for surface
4) Pins 1, 2, 4, 6-8, are 0.040” (1.02mm) diameter with 0.080”
(2.03mm) diameter standoff shoulders
5) Pins 5, 9 are 0.080” (2.03mm) diameter shoulderless pins.
6) Other pin extension lengths available
7) All Pins: Material - Copper Alloy
Finish - Matte Tin over Nickel plate
8) Undimensioned components are shown for visual reference only.
9) Weight: 4.3 oz. (123 g) typical
10) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
11) Workmanship: Meets or exceeds IPC-A-610C Class II
12) The flanged pins are designed to permit surface mount
soldering (allowing to avoid the wave soldering process) through
the use of the flanged pin-in-paste technique.
Load Board
Flanged Pin
See Note 12
MECHANICAL
DIAGRAM
(base-plated)
0.044 +0.027
(1.12 +0.68)
Overall height
0.495 +0.024
(12.57 +0.6)


Similar Part No. - PQ60120HZA50NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120HZA50NRS-G SYNQOR-PQ60120HZA50NRS-G Datasheet
988Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60120HZA50NRS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com