Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120HZA50PYS Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # PQ60120HZA50PYS
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120HZA50PYS Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button PQ60120HZA50PYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120HZA50PYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120HZA50PYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120HZA50PYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120HZA50PYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120HZA50PYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120HZA50PYS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120HZA50PYS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120HZA50PYS Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
12 V
12 V
50 A
50 A (600W)
(600W)
Half-brick
Half-brick
T
Technical S
echnical Specification
pecification
Product # PQ60120HZA50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HZ612J Rev. A
8/20/07
Page 7
Figure 7: Turn-on transient at full load (resistive load) (10 ms/div).
Ch 1: Vout (5 V/div)
Ch 2: ON/OFF input (5 V/div)
Figure 8: Turn-on transient at zero load (10 ms/div).
Ch 1: Vout (5 V/div)
Ch 2: ON/OFF input (5 V/div)
Figure 9: Output voltage response to step-change in load current (50%-75%-50% of
Iout(max); dI/dt = 0.1 A/µ s; 1 ms/div). Load cap: 1 uF ceramic and 470 µ F, 15 m
W
ESR electrolitic capacitors. Top trace: Vout (500 mV/div). Bottom trace: Iout (10 A/div).
Figure 10: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max): dI/dt = 5 A/µ s; 1 ms/div). Load cap: 470 µ F, 15 m
W ESR
electrolitic capacitor. Top trace: Vout (500 mV/div). Bottom trace: Iout (10 A/div).
Figure 12: Input Terminal Ripple Current, ic, at full rated output cur-
rent and nominal input voltage with 4.7 µ H source impedance and
220 µ F electrolytic capacitor (1 A/div; 2 µ s/div). See Figure 11.
Figure 11: Test set-up diagram showing measurement points for Input
Terminal Ripple Current (Figure 12), Input Reflected Ripple Current
(Figure 13) and Output Voltage Ripple (Figure 14).
4.7 µH
source
impedance
DC/DC
Converter
Figure 13
Figure 12
Figure 14
1 µF
ceramic
capacitor
15 µF,
100mW ESR
tantalum
capacitor
220 µF,
0.2W ESR
electrolytic
capacitor
VSOURCE
i
S
i
C
VOUT


Similar Part No. - PQ60120HZA50PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120HZA50PYS-G SYNQOR-PQ60120HZA50PYS-G Datasheet
988Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60120HZA50PYS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com