Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHEMF22PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # CHEMF22PT
Description  Power Management (Dual Transistor)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHEMF22PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  CHEMF22PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHEMF22PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHEMF22PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHEMF22PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. CHEMF22PT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CHEMF22PT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
Power Management (Dual Transistor)
APPLICATION
FEATURE
* Power switching circuit in a single package.
* Power management circuit
* Mounting cost and area can be cut in half.
* Both the 2SC5585 & CHDTC114E in one package.
CIRCUIT
2SC5585 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
Collector-base voltage
15
V
VCEO
12
V
I C
500
DC Output current
mA
P C
Total power dissipation
150
mW
TSTG
Storage temperature
−55
+150
OC
TJ
Junction temperature
150
OC
VEBO
Collector-emitter voltage
Emitter-base voltage
6
V
NOTE.2
1. Single pulse Pw=1ms
Icp
1000
NOTE.1
2. 120mW per element must not be exceeded.
Each terminal mounted on a recommended land.
1
3
6
4
R2
R1
Tr1:VOLTAGE 12 Volts
CURRENT 0.5 Ampere
DTr2:VOLTAGE 50 Volts
CURRENT 50 mAmpere
Tr1
DTr2
* Built in bias resistor(R1=10k
Ω, Typ. )
2004-07
* Small surface mounting type. (SOT-563)
SOT-563
MARKING
* FF
(5)
1.5~1.7
0.5~0.6
0.09~0.18
SOT-563
Dimensions in millimeters
0.50
0.50
0.9~1.1
1.5~1.7
0.15~0.3
1.1~1.3
(4)
(1)
(3)


Similar Part No. - CHEMF22PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHEMF20PT CHENMKO-CHEMF20PT Datasheet
165Kb / 4P
   Power Management (Dual Transistor)
CHEMF21PT CHENMKO-CHEMF21PT Datasheet
147Kb / 5P
   Power Management (Dual Transistor)
CHEMF23PT CHENMKO-CHEMF23PT Datasheet
138Kb / 4P
   Power Management (Dual Transistor)
CHEMF24PT CHENMKO-CHEMF24PT Datasheet
167Kb / 4P
   Power Management (Dual Transistor)
More results

Similar Description - CHEMF22PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMF4PT CHENMKO-CHUMF4PT Datasheet
246Kb / 5P
   Power Management (Dual Transistor)
CHUMF21PT CHENMKO-CHUMF21PT Datasheet
137Kb / 5P
   Power Management (Dual Transistor)
CHUMF24PT CHENMKO-CHUMF24PT Datasheet
157Kb / 4P
   Power Management (Dual Transistor)
CHEMF19PT CHENMKO-CHEMF19PT Datasheet
162Kb / 4P
   Power Management (Dual Transistor)
CHEMF21PT CHENMKO-CHEMF21PT Datasheet
147Kb / 5P
   Power Management (Dual Transistor)
CHUMF22PT CHENMKO-CHUMF22PT Datasheet
136Kb / 5P
   Power Management (Dual Transistor)
CHUMF5PT CHENMKO-CHUMF5PT Datasheet
136Kb / 5P
   Power Management (Dual Transistor)
CHUMF7PT CHENMKO-CHUMF7PT Datasheet
157Kb / 5P
   Power Management (Dual Transistor)
CHUMF17PT CHENMKO-CHUMF17PT Datasheet
152Kb / 4P
   Power Management (Dual Transistor)
CHUMF20PT CHENMKO-CHUMF20PT Datasheet
156Kb / 4P
   Power Management (Dual Transistor)
CHUMF23PT CHENMKO-CHUMF23PT Datasheet
128Kb / 4P
   Power Management (Dual Transistor)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com