Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120HZA50PYS-G Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ60120HZA50PYS-G
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120HZA50PYS-G Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ60120HZA50PYS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120HZA50PYS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120HZA50PYS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120HZA50PYS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120HZA50PYS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120HZA50PYS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120HZA50PYS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120HZA50PYS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120HZA50PYS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Input:
Output:
Current:
Package:
35-75 V
12 V
50 A (600W)
Half-brick
Technical Specification
Product # PQ60120HZx50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HZ612J Rev. D
06/12/09
Page 5
ELECTRICAL CHARACTERISTICS (Continued)
ParameterP
Min.
Typ.
Max.
Units Notes & Conditions
FEATURE CHARACTERISTICS
Switching Frequency Regulation Stage
230
240
250
kHz
Over sample, temp & life
Switching Frequency Isolation Stage
115
120
125
kHz
Over sample, temp & life
ON/OFF Control (Option P)
Off-State Voltage
-2.0
1.0
V
On-State Voltage
4.0
18
V
ON/OFF Control (Option N)
Off-State Voltage
4.0
18
V
On-State Voltage
-2
1.0
V
ON/OFF Control (Either Option)
Figures A & B
ON/OFF Control Hysteresis
1.5
V
Pull-Up Voltage
4.75
5.00
5.25
V
Pull Up Resistance
10
kW
Output Voltage Trim Range
-50
+5
%
Measured across Pins 8 & 4; see trim section
Output Over-Voltage Protection
113
118
123
%
Over full temp range; % of nominal Vout
Over-Temperature Shutdown
120
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
2.1
106 Hrs. TR-NWT-000332; 80% load,300LFM, 40oC Ta
Calculated MTBF (MIL-217)
1.9
106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40oC Ta
Field Demonstrated MTBF
106 Hrs. See website for details
PQ60 Standards and Qualifications
Parameter
Notes & Conditions
STANDARDS COMPLIANCE
UL60950-1:2003
CAN/CSA-C22.2No.60950-1:2003
EN60950-1:2001
NeedleFlameTest(IEC695-2-2)
Testonentireassembly;board&plasticcomponentsUL94V-0compliant
IEC61000-4-2
ESDtest,8kV-NP,15kVair-NP(NormalPerformance)
Note:Anexternalinputfusemustalwaysbeusedtomeetthesesafetyrequirements.ContactSynQorforofficialsafetycertificatesonnew
releases or download from the SynQor website.
Parameter
# Units
Test Conditions
QUALIFICATION TESTING
LifeTest
32
95%ratedVinandload,unitsatderatingpoint,1000hours
Vibration
5
10-55Hzsweep,0.060"totalexcursion,1min./sweep,120sweepsfor3axis
MechanicalShock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40°Cto100°C,unittemp.ramp15°C/min.,500cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
DesignMarginality
5
Tmin-10°CtoTmax+10°C,5°Csteps,VIN=mintomax,0-105%load
Humidity
5
85°C,85%RH,1000hours,continuousVIN applied except 5min./day
Solderability
15 pins
MIL-STD-883,method2003


Similar Part No. - PQ60120HZA50PYS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120HZA50PYS SYNQOR-PQ60120HZA50PYS Datasheet
507Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60120HZA50PYS-G

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com