Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120HZB50NYS-G Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ60120HZB50NYS-G
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120HZB50NYS-G Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ60120HZB50NYS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120HZB50NYS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120HZB50NYS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120HZB50NYS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120HZB50NYS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120HZB50NYS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120HZB50NYS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120HZB50NYS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120HZB50NYS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Input:
Output:
Current:
Package:
35-75 V
12 V
50 A (600W)
Half-brick
Technical Specification
Product # PQ60120HZx50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HZ612J Rev. D
06/12/09
Page 2
MECHANICAL DIAGRAM (open frame)
2.40
[61]
1.400[35.56]
1.000 [25.4]
.700[17.78]
.400[10.16]
1.90
[
2.30
[58.4]
48.3
.19
[4.8]
]
TOP VIEW
.400
.50
[
[12.7]
10.16]
1.00[25.4]
1.400
[35.56]
.044±.027
[1.12±0.68]
.413±.017
[4.57]
OVERALL HEIGHT
.180
[10.49±0.43]
SEE NOTE 3
SIDE VIEW
BOTTOMSIDE CLEARANCE
6
7
8
9
5
1
2
4
3
NOTES
1)
Pins1-4,6-8are0.040”(1.02mm)diameter,with0.080”(2.03mm)
diameter standoff shoulders.
2)
Pins5and9are0.080”(2.03mm)diameterwith0.125”(3.18mm)
diameter standoff shoulders.
3)
Otherpinextensionlengthsavailable.Recommendedpin
lengthis0.03”(0.76mm)greaterthanthePCBthickness.
4)
AllPins:Material-CopperAlloy-Finish(RoHS6/6)-MatteTinover
Nickelplate
5)
Undimensionedcomponentsareshownforvisualreferenceonly.
6)
Alldimensionsininches(mm)Tolerances:x.xx+/-0.02in.(x.x
+/-0.5mm)x.xxx+/-0.010in.(x.xx+/-0.25mm)
7)
Weight:4.3oz(123g)forbaseplatedunit,open-frame2.6oz(75g)
typical
8)
Workmanship:MeetsorexceedsIPC-A-610CClassII
9)
UL/TUVstandardsrequireaclearancegreaterthan0.04”(1.02mm)
betweeninputandoutputforBasicinsulation.Thisissueshouldbe
considered if any copper traces are on the top side of the user’s
board.Notethattheferritecoreshownatleftaboveisconsidered
part of the input/primary circuit and that the two ferrite cores shown
at the right above are considered part of the output/secondary circuit.
10)
The flanged pins are designed to permit surface mount soldering
(allowing to avoid the wave soldering process) through the use of the
flanged pin-in-paste technique.
PIN DESIGNATIONS
Pin
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTLinputtoturnconverteronandoff,
referencedtoVin(–),withinternalpull
up.
3
Reserved Notconnected
4
Vin(–)
Negativeinputvoltage
5
Vout(–)
Negativeoutputvoltage
6
SENSE(–) Negativeremotesense;seenote1
7
TRIM
Outputvoltagetrim;seenote2
8
SENSE(+) Positiveremotesense;seenote3
9
Vout(+)
Positive output voltage
Notes:
1)SENSE(–)shouldbeconnectedtoVout(–)eitherremotelyorattheconverter.
2)LeaveTRIMpinopenfornominaloutputvoltage.
3)SENSE(+)shouldbeconnectedtoVout(+)eitherremotelyorattheconverter.


Similar Part No. - PQ60120HZB50NYS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120HZB50NYS SYNQOR-PQ60120HZB50NYS Datasheet
507Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60120HZB50NYS-G

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com