Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120QEB17PKS Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # PQ60120QEB17PKS
Description  Quarter-brick DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120QEB17PKS Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button PQ60120QEB17PKS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120QEB17PKS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120QEB17PKS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120QEB17PKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120QEB17PKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120QEB17PKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120QEB17PKS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120QEB17PKS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120QEB17PKS Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Input:
Output:
Current:
Package:
35-75 V
12 V
17 A (200W)
Quarter-brick
Product # PQ60120QEA17
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005068 Rev. A
03/19/09
Page 7
Technical Specification
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Load Current (A)
35 Vin
48 Vin
75 Vin
Figure 1: Efficiency at nominal output voltage vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Load Current (A)
35 Vin
48 Vin
75 Vin
0
3
6
9
12
15
18
21
25
40
55
70
85
Ambient Air Temperature (
o
C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 2: Power dissipation at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
0
3
6
9
12
15
18
21
25
40
55
70
85
Ambient Air Temperature (
o
C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 3: Maximum output power derating curves vs. ambient air temperature
for airflow rates of 100 LFM through 400 LFM with air flowing across the
converter from pin 1 to pin 3 (nominal input voltage).
Figure 4: Thermal plot of converter at 17A load current (200W) with 55°C air
flowing at the rate of 200 LFM. Air is flowing across the converter sideways
from pin 1 to pin 3 (nominal input voltage).
Figure 5: Maximum output power derating curves vs. ambient air temperature
for airflow rates of 100 LFM through 400 LFM with air flowing lengthwise from
input to output (nominal input voltage).
Figure 6: Thermal plot of converter at 17A load current (200 W) with 55°C air
flowing at the rate of 200 LFM. Air is flowing across the converter from input to
output (nominal input voltage).


Similar Part No. - PQ60120QEB17PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QEB25NKS-G SYNQOR-PQ60120QEB25NKS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25NNS-G SYNQOR-PQ60120QEB25NNS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25NRS-G SYNQOR-PQ60120QEB25NRS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25NYS-G SYNQOR-PQ60120QEB25NYS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25PKS-G SYNQOR-PQ60120QEB25PKS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ60120QEB17PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com