Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120QEB17PNS Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # PQ60120QEB17PNS
Description  Quarter-brick DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120QEB17PNS Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button PQ60120QEB17PNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120QEB17PNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120QEB17PNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120QEB17PNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120QEB17PNS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120QEB17PNS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120QEB17PNS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60120QEB17PNS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60120QEB17PNS Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Input:
Output:
Current:
Package:
35-75 V
12 V
17 A (200W)
Quarter-brick
Product # PQ60120QEA17
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005068 Rev. A
03/19/09
Page 9
Technical Specification
Figure 13: Input reflected ripple current, is, through a 4.7µH source inductor,
using a 100µF input capacitor, at nominal input voltage and rated load current
(10mA/div). See Figure 11.
Figure 14: Output voltage ripple at nominal input voltage and rated load current
(50mV/div). Load capacitance: 1µF ceramic capacitor and 10µF tantalum
capacitor. Bandwidth: 500 MHz. See Figure 11.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
-15
-10
-5
0
5
10
15
20
25
30
Load Current (A)
36Vin
48Vin
75Vin
Figure 15: Output voltage response to step-change in input voltage (50V to 100V
in 200µs). Load cap: 470
µF, 15 mW ESR tantalum capacitor. Ch 1: Vin (20V/div),
Ch 2: Vout (1V/div), at zero load current.
Figure 16: Load current (5A/div) as a function of time when the converter attempts
to turn on into a 10 m
W short circuit.
Figure 17: Output voltage vs. load current showing typical current limit curves
and OVP shutdown point.
OVP Shutdown


Similar Part No. - PQ60120QEB17PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QEB25NKS-G SYNQOR-PQ60120QEB25NKS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25NNS-G SYNQOR-PQ60120QEB25NNS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25NRS-G SYNQOR-PQ60120QEB25NRS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25NYS-G SYNQOR-PQ60120QEB25NYS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25PKS-G SYNQOR-PQ60120QEB25PKS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ60120QEB17PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com