Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120QEA17PRS Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ60120QEA17PRS
Description  Quarter-brick DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120QEA17PRS Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ60120QEA17PRS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120QEA17PRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120QEA17PRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120QEA17PRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120QEA17PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120QEA17PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120QEA17PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120QEA17PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120QEA17PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Input:
Output:
Current:
Package:
35-75 V
12 V
17 A (200W)
Quarter-brick
Product # PQ60120QEA17
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005068 Rev. A
03/19/09
Page 2
Technical Specification
0.300
(7.62)
0.600
(15.24)
0.43
(10.9)
0.150
(3.81)
0.300
(7.62)
0.450
(11.43)
0.600
(15.24)
0.14
(3.6)
Top View
Side View
MECHANICAL DIAGRAM (open frame)
Bottom side
Clearance
See Note 9
NOTES
1)Pins1-3,5-7are0.040”(1.02mm)diameterwith
0.080”(2.03mm)diameterstandoffshoulders.
2)Pins4and8are0.062”(1.57mm)diameterwith0.100”
(2.54mm)diameterstandoffshoulders.
3)Otherpinextensionlengthsavailable.Recommendedpin
lengthis0.03”(0.76mm)greaterthanthePCBthickness.
4)AllPins:Material-CopperAlloy
Finish(RoHS5/6)-Tin/LeadoverNickelplate
Finish(RoHS6/6)-MatteTinoverNickelplate
5)Undimensionedcomponentsareshownforvisualreferenceonly.
6)Alldimensionsininches(mm)
Tolerances: x.xx+0.02in.(x.x+0.5mm)
x.xxx+0.010in.(x.xx+0.25mm)
7)Weight:1.5oz.(42g)typical
8)Workmanship:MeetsorexceedsIPC-A-610CClassII
9)UL/TUVstandardsrequireaclearancegreaterthan0.04”(1.02mm)betweeninputand
outputforbasicinsulation.Thisissueshouldbeconsideredifanycoppertracesareon
thetopsideoftheuser’sboard.Notethattheferritecoresareconsideredpartofthe
input/primarycircuit.
10)Theflangedpinsaredesignedtopermitsurfacemountsoldering(allowingtoavoidthe
wavesolderingprocess)throughtheuseoftheflangedpin-in-pastetechnique.
2.30
(58.4)
2.00
(50.8)
0.025 +0.024
(0.64 +0.61)
Lowest
Component
Load Board
Flanged Pin
See Note 10
0.180
(4.57)
See Note 3
0.436 max
(11.06)
1.45
(36.8)
PINDESIGNATIONS
PIN NAME
FUNCTION
1
Vin(+)
Positiveinputvoltage
2
ON/OFF
TTLinputtoturn
converteronandoff,
referencedtoVin(–),
withinternalpullup.
3
Vin(–)
Negativeinputvoltage
4
Vout(–)
Negativeoutputvoltage
5
SENSE(–) Negativeremotesense1
6
TRIM
Outputvoltagetrim2
7
SENSE(+) Positiveremotesense3
8
Vout(+)
Positiveremotesense3
Notes:
1.
SENSE(–)shouldbeconnectedtoVout(–)
eitherremotelyorattheconverter.
2.
Leave TRIM pin open for nominal output
voltage.
3.
SENSE(+) should be connected to
Vout(+) either remotely or at the
converter.


Similar Part No. - PQ60120QEA17PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QEA25 SYNQOR-PQ60120QEA25 Datasheet
2Mb / 14P
   No minimum load requirement
PQ60120QEA25NKS-G SYNQOR-PQ60120QEA25NKS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA25NNS-G SYNQOR-PQ60120QEA25NNS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA25NRS-G SYNQOR-PQ60120QEA25NRS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA25NYS-G SYNQOR-PQ60120QEA25NYS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ60120QEA17PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com