Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120QEA17PYS Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # PQ60120QEA17PYS
Description  Quarter-brick DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120QEA17PYS Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ60120QEA17PYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120QEA17PYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120QEA17PYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120QEA17PYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120QEA17PYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120QEA17PYS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120QEA17PYS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120QEA17PYS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60120QEA17PYS Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Input:
Output:
Current:
Package:
35-75 V
12 V
17 A (200W)
Quarter-brick
Product # PQ60120QEA17
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005068 Rev. A
03/19/09
Page 8
Technical Specification
Figure 7: Turn-on transient at full load (resistive load) (4ms/div).
Ch 1: ON/OFF input (5V/div)
Ch 2: Vout (2V/div)
Figure 8: Turn-on transient at zero load (4ms/div). Ch 1: ON/OFF input (5V/
div), Ch 2: Vout (2V/div)
Figure 9: Output voltage response to step-change in load current (50%-75%-50% of
Iout(max); dI/dt = 5A/
µs). Load cap: 1uF ceramic and 10uF tantalum capacitors. Top
trace: Vout (500mV/div), Bottom trace: Iout (10A/div).
Figure 10: Output voltage response to step-change in load current (50%-75%-50%
of Iout(max): dI/dt = 5A/
µs). Load cap: 470µF, 15 mW ESR tantalum capacitor.
Top trace: Vout (500mV/div), Bottom trace: Iout (10A/div).
Figure 12: Input Terminal Ripple Current, ic, at full rated output current and
nominal input voltage with 4.7µH source impedance and 100µF electrolytic
capacitor (100 mA/div). See Figure 11.
Figure 11: Test set-up diagram showing measurement points for Input Terminal
Ripple Current (Figure 12), Input Reflected Ripple Current (Figure 13) and
Output Voltage Ripple (Figure 14).
4.7 µH
source
impedance
DC/DC
Converter
Figure 13
Figure 12
Figure 14
1 µF
ceramic
capacitor
10 µF,
100mW ESR
tantalum
capacitor
100 µF,
0.2W ESR
electrolytic
capacitor
VSOURCE
iS
iC
VOUT


Similar Part No. - PQ60120QEA17PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QEA25 SYNQOR-PQ60120QEA25 Datasheet
2Mb / 14P
   No minimum load requirement
PQ60120QEA25NKS-G SYNQOR-PQ60120QEA25NKS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA25NNS-G SYNQOR-PQ60120QEA25NNS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA25NRS-G SYNQOR-PQ60120QEA25NRS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA25NYS-G SYNQOR-PQ60120QEA25NYS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ60120QEA17PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com