Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120QEA25NNS-G Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ60120QEA25NNS-G
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120QEA25NNS-G Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ60120QEA25NNS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120QEA25NNS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120QEA25NNS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120QEA25NNS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120QEA25NNS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120QEA25NNS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120QEA25NNS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120QEA25NNS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120QEA25NNS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Input:
Output:
Current:
Package:
35-75 V
12 V
25 A (300W)
Quarter-brick
Product # PQ60120QEA25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QE612J Rev. B
03/24/09
Page 5
Technical Specification
Electrical Characteristics (Continued)
Parameter P
Min.
Typ.
Max.
Units Notes & Conditions
FEATURE CHARACTERISTICS
Switching Frequency Regulation Stage
235.6
238.0
240.4
kHz
Over sample, temp & life
Switching Frequency Isolation Stage
117.8
119.0
120.2
kHz
Over sample, temp & life
ON/OFF Control (Option P)
Off-State Voltage
-2
1.0
V
On-State Voltage
4.0
18
V
ON/OFF Control (Option N)
Off-State Voltage
4.0
18
V
On-State Voltage
-2
1.0
V
ON/OFF Control (Either Option)
Figures A & B
ON/OFF Control Hysteresis
1.5
V
Pull-Up Voltage
4.75
5
5.25
V
Pull Up Resistance
10
kW
Output Voltage Trim Range
-50
+5
%
Measured across Pins 8 & 4; see trim section
Output Over-Voltage Protection
113
118
123
%
Over full temp range; % of nominal Vout
Over-Temperature Shutdown
120
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
2.8
106 Hrs. TR-NWT-000332; 80% load,300LFM, 40oC Ta
Calculated MTBF (MIL-217)
1.0
106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40oC Ta
Field Demonstrated MTBF
106 Hrs. See website for details
STANDARDS COMPLIANCE
Parameter
Notes & Conditions
STANDARDS COMPLIANCE
UL60950-1:2003
Basicinsulation
CAN/CSA-C22.2No.60950-1:2003
EN60950-1:2001
NeedleFlameTest(IEC695-2-2)
Testonentireassembly;board&plasticcomponentsUL94V-0compliant
IEC61000-4-2
ESDtest,8kV-NP,15kVair-NP(NormalPerformance)
Note:Anexternalinputfusemustalwaysbeusedtomeetthesesafetyrequirements.ContactSynQorforofficialsafetycertificatesonnewreleases
ordownloadfromtheSynQorwebsite.
QUALIFICATION TESTING
Parameter P
# Units
Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55Hz sweep, 0.060” total excursion,1 min./sweep, 120 sweeps for 3 axes
Mechanical Shock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40°C to 100°C, unit temp. ramp 15°C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5
Tmin-10°C to Tmax+10°C, 5°C steps, Vin = min to max, 0-105% load
Humidity
5
85°C, 85% RH, 1000 hours, 2 minutes on and 6 hours off
Solderability
15 pins
MIL-STD-883, method 2003
•Extensive characterization testing of all SynQor products and manufacturing processes is performed to ensure that we supply
robust, reliable product. Contact the factory for official product family qualification documents.


Similar Part No. - PQ60120QEA25NNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QEA25 SYNQOR-PQ60120QEA25 Datasheet
2Mb / 14P
   No minimum load requirement
More results

Similar Description - PQ60120QEA25NNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com