Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120QEB17PYS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60120QEB17PYS
Description  Quarter-brick DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120QEB17PYS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60120QEB17PYS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120QEB17PYS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120QEB17PYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120QEB17PYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120QEB17PYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120QEB17PYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120QEB17PYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120QEB17PYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120QEB17PYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Technical
Specification
PQ60120QEA17
Product # PQ60120QEA17
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005068 Rev. A
03/19/09
Page 1
•2250V,30MΩinput-to-outputisolation
•UL60950-1:2003BasicInsulation
•CAN/CSA-C22.2No.60950-1:2003
•EN60950-1:2001
•RoHScompliant(seepage14)
Safety Features
•Inputunder-voltagelockoutdisablesconverteratlow
inputvoltageconditions
•Outputcurrentlimitandshortcircuitprotectionprotects
converterandloadfrompermanentdamageand
consequenthazardousconditions
•Activebackbiaslimitprovidessmoothstartupwith
externalloadinducedpre-bias
•Latchingoutputover-voltageprotectionprotectsload
fromdamagingvoltages
•Thermalshutdownprotectsconverterfromabnormal
environmentalconditions
Protection Features
PQ60120QEA17
Module
35-75 V
12 V
17 A
2250 V dc
Quarter-brick
Input
Outputs
Current
Isolation
DC-DC Converter
The PQ60120QEA17 PowerQor® Exa quarter-brick
converter is a next-generation, board-mountable, isolated,
fixed switching frequency DC/DC converter. The Exa series
offers industry leading power density for standard isolated
DC/DC converters with both a wide input range and a
tightly regulated output. Targeted for use in intermediate bus
architectures, this module supplies an isolated step down
voltage from 35-75V to 12V. This converter is available in
open-frame and base-plated versions. RoHS Compliant (see
page 14).
•Ultra-highefficiency,>95%atfullratedloadcurrent,
>96%athalfratedloadcurrent
•Deliversupto17Aofoutputcurrent(200W)with
minimalderating-noheatsinkrequired
•Wideinputvoltagerange:35V–75V,with100V
100msinputvoltagetransientcapability
•Fixedfrequencyswitchingprovidespredictable
EMIperformance
•Nominimumloadrequirementmeansnopreload
resistorsrequired
•Wideoutputvoltagetrimrange(-50%to+5%),see
trimsection
Operational Features
•Industrystandardquarter-brickpin-outconfiguration
•Industrystandardsize:1.45”x2.3”(36.8x58.4mm)
•Totalheightlessthan0.436”(11.06mm),permits
betterairflowandsmallercardpitch
•Totalweight:1.6oz.(46grams)
•Openframeunitshaveflangedpinsdesignedtopermit
surfacemountsoldering(avoidwavesolder)using
FPiPtechnique
Mechanical Features
•On/Offcontrolreferencedtoinputside(positiveand
negativelogicoptionsareavailable)
Control Features
PageNo.
MECHANICALDIAGRAM(openframe). . . . . . . . . . . . . . . . . . . . . . . . . 2
MECHANICALDIAGRAM(base-plated). . . . . . . . . . . . . . . . . . . . . . . . . 3
PQ60120QEA17ELECTRICALCHARACTERISTICS . . . . . . . . . . . . . . . . 4-5
PQ60120QEA17STANDARDSandQUALIFICATION. . . . . . . . . . . . . . . 6-9
ApplicationSection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10-13
ORDERINGINFORMATION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Contents


Similar Part No. - PQ60120QEB17PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QEB25NKS-G SYNQOR-PQ60120QEB25NKS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25NNS-G SYNQOR-PQ60120QEB25NNS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25NRS-G SYNQOR-PQ60120QEB25NRS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25NYS-G SYNQOR-PQ60120QEB25NYS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25PKS-G SYNQOR-PQ60120QEB25PKS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ60120QEB17PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com