Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120QEA17NYS Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ60120QEA17NYS
Description  Quarter-brick DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120QEA17NYS Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ60120QEA17NYS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120QEA17NYS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120QEA17NYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120QEA17NYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120QEA17NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120QEA17NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120QEA17NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120QEA17NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120QEA17NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Input:
Output:
Current:
Package:
35-75 V
12 V
17 A (200W)
Quarter-brick
Product # PQ60120QEA17
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005068 Rev. A
03/19/09
Page 5
Technical Specification
PQ60120QEA17 ELECTRICAL CHARACTERISTICS
Ta=25°C,airflowrate=300LFM,Vin=48Vdcunlessotherwisenoted;fulloperatingtemperaturerangeis-40°Cto+100°Cbaseplatetemperature
withappropriatepowerderating.Specificationssubjecttochangewithoutnotice.
Parameter
Min.
Typ.
Max. Units Notes & Conditions
DYNAMIC CHARACTERISTICS
OutputVoltageduringLoadCurrentTransient
StepChangeinOutputCurrent(0.1A/µs)
500
mV
50%to75%to50%Ioutmax
StepChangeinOutputCurrent(5A/µs)
500
mV
50%to75%to50%Ioutmax
SettlingTime
1
ms
Towithin1%Voutnom
Turn-OnTransient
Turn-OnTime
24
27
30
ms
Fullload,ON/OFFtoVout=90%nom.
OutputVoltageOvershoot
2
%
MaximumOutputCapacitance,Iout=0A
EFFICIENCY
100%Load
94
95
%
Figures1&2
50%Load
96
%
Figures1&2
ISOLATION CHARACTERISTICS
IsolationVoltage(dielectricstrength)
2250
V
IsolationResistance
30
IsolationCapacitance(inputtooutput)
1000
pF
SeeNote4
TEMPERATURE LIMITS FOR POWER DERATING CURVES
SemiconductorJunctionTemperature
125
°C
Packageratedto150°C
BoardTemperature
125
°C
ULratedmaxoperatingtemp130°C
TransformerTemperature
125
°C
FEATURE CHARACTERISTICS
SwitchingFrequencyRegulationStage
235.6
238.0
240.4
kHz
Oversample,temp&life
SwitchingFrequencyIsolationStage
117.8
119.0
120.2
kHz
Oversample,temp&life
ON/OFFControl(OptionP)
Off-StateVoltage
-2
1
V
On-StateVoltage
4
18
V
ON/OFFControl(OptionN)
Off-StateVoltage
4
18
V
On-StateVoltage
-2
1
V
ON/OFFControl(EitherOption)
FiguresA&B
ON/OFFControlHysteresis
1.5
V
Pull-UpVoltage
4.75
5.00
5.25
V
Pull-UpResistance
10
OutputVoltageTrimRange
-50
+5
%
MeasuredacrossPins8&4;seetrimsection
OutputOver-VoltageProtection
113
118
123
%
Overfulltemprange;%ofnominalVout
Over-TemperatureShutdown
120
°C
AveragePCBTemperature
Over-TemperatureShutdownRestartHysteresis
10
°C
RELIABILITY CHARACTERISTICS
CalculatedMTBF(Telcordia)TR-NWT-000332
TBD
106Hrs. TR-NWT-000332;80%load,300LFM,40°CTa
CalculatedMTBF(MIL-217)MIL-HDBK-217F
TBD
106Hrs. MIL-HDBK-217F;80%load,300LFM,40°CTa
FieldDemonstratedMTBF
TBD
106Hrs. Seewebsitefordetails
Note1:Lineandloadregulationislimitedbydutycyclequantizationanddoesnotindicateashiftintheinternalvoltagereference.
Note2:Forapplicationsrequiringreducedoutputvoltagerippleandnoise,consultSynQorapplicationssupport(e-mail:support@synqor.com).
Note3:IftheoutputvoltagefallsbelowtheOutputDCCurrentLimitShutdownVoltageformorethan50ms,thentheunitwillenterintohiccupmode,
witha500msoff-time.
Note4:Highervaluesofisolationcapacitancecanbeaddedexternaltothemodule.


Similar Part No. - PQ60120QEA17NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QEA25 SYNQOR-PQ60120QEA25 Datasheet
2Mb / 14P
   No minimum load requirement
PQ60120QEA25NKS-G SYNQOR-PQ60120QEA25NKS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA25NNS-G SYNQOR-PQ60120QEA25NNS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA25NRS-G SYNQOR-PQ60120QEA25NRS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA25NYS-G SYNQOR-PQ60120QEA25NYS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ60120QEA17NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com