Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHEMH6PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHEMH6PT
Description  Dual Digital Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHEMH6PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHEMH6PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHEMH6PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHEMH6PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CHARACTERISTICS
Tamb = 25 °C unless otherwise speciÞed.
Note
1.Pulse test: tp
≤300uS; δ≤0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VIoff)
Input off voltage
IO=100uA; VCC=5.0V
0.5
VI(on)
Input on voltage
IO=2mA; VO=0.3V
V
V
VO(on)
Output voltage
IO=10mA; II=0.5mA
0.3
II
Input current
VI=5V
0.18
mA
IC(off)
Output current
R1
Input resistor
VI=0V; VCC=50V
hFE
DC current gain
IO=5mA; VO=5.0V
0.5
68
61.1
32.9
K
R2/R1
Resistor ratio
0.8
1.2
47
1.0
uA
f T
Transition frequency
IE=-5mA, VCE=10.0V
f=100MHz
=
250
MHz
RATING CHARACTERISTIC ( CHEMH6PT )
3.0


Similar Part No. - CHEMH6PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHEMH10PT CHENMKO-CHEMH10PT Datasheet
131Kb / 3P
   Dual Digital Silicon Transistor
CHEMH11PT CHENMKO-CHEMH11PT Datasheet
90Kb / 3P
   Dual Digital Silicon Transistor
CHEMH1PT CHENMKO-CHEMH1PT Datasheet
944Kb / 3P
   NPN Digital Silicon Transistor
CHEMH2PT CHENMKO-CHEMH2PT Datasheet
86Kb / 3P
   Dual Digital Silicon Transistor
CHEMH3PT CHENMKO-CHEMH3PT Datasheet
100Kb / 3P
   NPN Digital Silicon Transistor
More results

Similar Description - CHEMH6PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMH14PT CHENMKO-CHUMH14PT Datasheet
108Kb / 3P
   Dual Digital Silicon Transistor
CHEMA3PT CHENMKO-CHEMA3PT Datasheet
125Kb / 3P
   Dual Digital Silicon Transistor
CHEMA4PT CHENMKO-CHEMA4PT Datasheet
111Kb / 3P
   Dual Digital Silicon Transistor
CHEMA6PT CHENMKO-CHEMA6PT Datasheet
110Kb / 3P
   Dual Digital Silicon Transistor
CHEMA11PT CHENMKO-CHEMA11PT Datasheet
122Kb / 3P
   Dual Digital Silicon Transistor
CHEMB6PT CHENMKO-CHEMB6PT Datasheet
97Kb / 3P
   Dual Digital Silicon Transistor
CHEMD12PT CHENMKO-CHEMD12PT Datasheet
117Kb / 4P
   Dual Digital Silicon Transistor
CHEMD22PT CHENMKO-CHEMD22PT Datasheet
187Kb / 4P
   Dual Digital Silicon Transistor
CHEMG9PT CHENMKO-CHEMG9PT Datasheet
93Kb / 3P
   Dual Digital Silicon Transistor
CHEMG11PT CHENMKO-CHEMG11PT Datasheet
129Kb / 3P
   Dual Digital Silicon Transistor
CHIMB3PT CHENMKO-CHIMB3PT Datasheet
119Kb / 3P
   Dual Digital Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com